전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+42TBD-R

  • AI
    The **MHO+42TBD-R** is an industrial-grade **Direct Current (DC) Brushless Fan**, typically manufactured by companies like **Nidec (formerly Minebea/NMB)** or specialized cooling solution providers. These fans are engineered for high-performance cooling in servers, telecommunications equipment, and industrial power supplies. --- ## 1. Technical Specifications The "MHO" series generally refers to high-airflow, high-pressure fans designed to operate under significant resistance. | Feature | Specification (Typical) | | :--- | :--- | | **Voltage** | 12V DC (standard for TBD series) | | **Current/Power** | High Amperage (typically 1.5A to 3.0A) | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Housing Material** | Thermoplastic (UL 94V-0 rated) | | **Termination** | 4-Wire (VCC, GND, Tachometer, PWM) | | **Control Type** | Pulse Width Modulation (PWM) | --- ## 2. Key Electronic Components The internal PCB of the MHO+42TBD-R contains several critical electronic parts that manage its operation: ### A. Brushless DC (BLDC) Controller IC This is the "brain" of the fan. Since DC motors do not have brushes to flip the magnetic field, the IC uses **Hall Effect Sensors** to detect the position of the rotor and switch the current through the stator coils electronically. ### B. MOSFET H-Bridge To drive the motor windings, the fan uses Power MOSFETs. These transistors act as high-speed switches that handle the high current required to spin the blades at high RPMs. ### C. PWM Control Circuit The **"TBD"** designation often implies a specific control logic. * **PWM Wire (Blue/Yellow):** Allows the system (like a Motherboard or PLC) to control the fan speed by sending a square wave signal. * **Tachometer Output (Green/White):** Sends a "Frequency Generator" (FG) signal back to the system to report the actual RPM. ### D. Protection Circuitry * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the motor coils from burning out. * **Reverse Polarity Protection:** Usually a diode that prevents damage if the positive and negative wires are swapped. --- ## 3. Wire Configuration (4-Wire Pinout) Industrial fans like the MHO+42TBD-R utilize a standard 4-wire color code, though colors can vary by manufacturer: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative | | **Red** | VCC | +12V Power Supply | | **White/Yellow** | Tach/FG | Speed Monitoring (2 pulses per revolution) | | **Blue** | PWM | Speed Control Input (0% to 100% duty cycle) | --- ## 4. Maintenance and Use Because these fans use **Dual Ball Bearings**, they are designed for horizontal or vertical mounting and have a high Mean Time Between Failure (MTBF), often exceeding 70,000 hours at 40°C. They are common in 1U/2U rackmount servers where static pressure is vital.
    ✨ Follow-up Questions
    • ⤷ What are the specific RPM and CFM ratings for the MHO+42TBD-R model?
    • ⤷ How do I troubleshoot a 4-wire PWM fan that is not spinning?
    • ⤷ What is the difference between this fan and a standard sleeve bearing fan?