전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+43FAAD-R

  • AI
    The **MHO+43FAAD-R** is a specific electronic component within the **Clock Oscillator** family, manufactured by **MtronPTI**. It belongs to the MHO series, which is known for high-reliability quartz crystal oscillators. --- ### 1. Component Specification Table | Parameter | Specification | | :--- | :--- | | **Manufacturer** | MtronPTI | | **Component Type** | XO (Standard Clock Oscillator) | | **Package / Case** | 14-pin DIP (DIP-14) | | **Frequency Range** | Typically 1.000 MHz to 100.000 MHz | | **Supply Voltage** | +5.0 VDC (Nominal) | | **Output Type** | CMOS / TTL Compatible | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Stability** | ±100 ppm (Standard for this series) | --- ### 2. Breakdown of the Part Number The alphanumeric string follows a specific coding convention used by MtronPTI: * **MHO**: Series designation (High-reliability 14-pin DIP package). * **+**: Lead-free / RoHS Compliant. * **4**: Stability rating (±100 ppm). * **3**: Temperature Range (3 usually denotes -40°C to +85°C). * **F**: Duty Cycle (Standard 40/60% or 45/55%). * **AA**: Output Type (CMOS/TTL). * **D**: Pin 1 Connection (e.g., Output Enable or No Connect). * **-R**: Frequency or specific customer revision indicator. --- ### 3. Pin Configuration (DIP-14) While the physical housing is the size of a 14-pin DIP, only four pins are typically present: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | N/C or Tri-State | No connection or Output Enable/Disable. | | **7** | Ground (GND) | Case and circuit ground. | | **8** | Output | The generated clock signal. | | **14** | Vcc | +5.0V Power Supply. | --- ### 4. Common Applications * **Legacy Computing:** Providing master clock signals for older CPU architectures. * **Industrial Controls:** Stable timing for PLC (Programmable Logic Controllers). * **Networking:** Synchronizing data transmission in telecommunications equipment. * **Test & Measurement:** Internal timing reference for oscilloscopes or signal generators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 14-pin DIP oscillator and a modern SMD oscillator?
    • ⤷ How does the Output Enable function on Pin 1 affect power consumption?
    • ⤷ Can this oscillator operate at 3.3V instead of 5V?