전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+44FCG-R

  • AI
    The **MHO+44FCG-R** is a specific high-precision electronic component, typically categorized as a **Temperature Compensated Crystal Oscillator (TCXO)** or a specialized **Clock Oscillator**, often used in telecommunications and high-frequency RF applications. ### 1. Key Technical Specifications Based on the part number nomenclature used by manufacturers like **MtronPTI**, here are the typical technical characteristics: | Feature | Specification | | :--- | :--- | | **Package Type** | 14-pin DIP (Dual In-line Package) or specific Half-size DIP | | **Output Type** | CMOS / TTL Compatible | | **Frequency Stability** | High precision (often ±1.0ppm to ±2.5ppm) | | **Operating Voltage** | Typically 5.0V or 3.3V DC | | **Operating Temperature** | Commercial or Industrial grade (e.g., -40°C to +85°C) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the "MHO" series generally follows this logic: * **MHO:** Series designation for High-Frequency / High-Stability Oscillators. * **44:** Often represents the package size (e.g., Full-size or Half-size DIP) and voltage rating. * **F:** Frequency stability code (Standard deviation from nominal frequency). * **C:** Temperature range code (usually Commercial $0^\circ C$ to $70^\circ C$). * **G:** Output Load / Symmetry specification (e.g., 45/55% duty cycle). * **-R:** **RoHS Compliant.** Indicates the part is manufactured without lead (Pb) and other hazardous substances. --- ### 3. Internal Components and Functionality The MHO+44FCG-R is not a single transistor or resistor; it is an **Integrated Module** consisting of: 1. **Quartz Crystal:** The "heart" of the component that provides the mechanical resonance. 2. **Compensation Network:** Passive components (resistors/capacitors) or an IC that adjusts for frequency drift caused by temperature changes. 3. **Buffer/Driver IC:** Converts the weak analog oscillation into a strong digital square wave (TTL/CMOS) for the rest of the circuit. ### 4. Common Applications * **Networking Equipment:** Used as a reference clock for Ethernet switches and routers. * **RF Systems:** Local oscillators for radio transmission and reception. * **Measurement Tools:** Frequency counters and signal generators requiring high stability over time. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the MHO+44FCG-R version you are using?
    • ⤷ How does a TCXO differ from a standard Crystal (XTAL)?
    • ⤷ Are there surface-mount (SMD) equivalents for this through-hole part?