전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+45TBD-R

  • AI
    The **MHO+45TBD-R** is a specific series and model designation typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like **MtronPTI**. These components are critical for providing a stable clock signal in electronic circuits. Below is a breakdown of its technical specifications, characteristics, and typical applications. --- ### 1. Technical Specifications The alphanumeric code represents specific parameters such as frequency stability, voltage, and packaging. | Feature | Specification Details | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage ($V_{cc}$)** | Typically 5.0V (Standard for MHO series) | | **Operating Temperature** | Often rated for $0^\circ C$ to $+70^\circ C$ (Commercial) | | **Frequency Stability** | Usually $\pm 100$ ppm or better (depending on specific suffix) | | **RoHS Status** | The **-R** suffix denotes **RoHS Compliant** | --- ### 2. Key Internal Components An oscillator like the MHO+45TBD-R is an integrated solution consisting of several internal parts: * **Quartz Crystal Resonator:** The heart of the device, precision-cut to vibrate at a specific frequency. * **Oscillator IC:** An amplifier and feedback circuit that maintains the mechanical vibration of the crystal. * **Load Capacitors:** Internal capacitors tuned to ensure the crystal oscillates at the correct load capacitance. * **Metal Housing:** A hermetically sealed metal "can" that protects the internal components from atmospheric interference and provides EMI (Electromagnetic Interference) shielding. --- ### 3. Pin Configuration (Standard 14-Pin DIP) Even though it uses a 14-pin footprint, only four pins are typically functional: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or Tri-state | No connection or Output Enable/Disable | | **7** | GND | Ground connection | | **8** | Output | The generated clock signal (Square wave) | | **14** | $V_{cc}$ | Power supply input (+5.0V) | --- ### 4. Applications These parts are commonly found in "legacy" or industrial hardware that requires through-hole mounting rather than modern surface-mount (SMD) technology: * **Microprocessor Clocks:** Providing the master heartbeat for CPUs. * **Network Equipment:** Timing for routers and switches. * **Industrial Control Systems:** Used in PLCs and heavy machinery timing. * **Embedded Systems:** Older development boards and DIY electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO+45TBD-R version you are looking at?
    • ⤷ How does a 14-pin DIP oscillator compare to a modern 4-pin SMD oscillator?
    • ⤷ What are the consequences of using a 3.3V supply on this 5V rated part?