전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+46TFG-R

  • AI
    The **MHO+46TFG-R** is a specific part number typically associated with **Temperature Compensated Crystal Oscillators (TCXO)** or high-precision timing components manufactured by companies like MtronPTI. These components are critical for frequency control in communication and navigation systems. --- ### 1. Technical Specifications Below is a summary of the typical characteristics for this series of electronic components: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Style** | Through-hole (DIP-14 or DIP-8 compatible footprint) | | **Frequency Range** | Usually 1.0 MHz to 160.0 MHz (Specific to exact sub-model) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Output Type** | CMOS / TTL Compatible | | **Stability** | ±1.0 ppm to ±5.0 ppm (over temperature range) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Breakdown The MHO+46TFG-R serves as the "heartbeat" of a circuit. Here are the core functional blocks: 1. **Crystal Resonator:** A quartz crystal that vibrates at a specific frequency when voltage is applied. 2. **Compensation Network:** Unlike standard oscillators, this part contains a thermistor-based network that senses ambient temperature and adjusts the load capacitance to keep the frequency stable. 3. **Output Buffer:** A transistor-based stage that strengthens the signal so it can drive other integrated circuits (ICs) without degrading. 4. **RoHS Compliance:** The **"-R"** suffix typically denotes that the part is Lead-Free and RoHS compliant. --- ### 3. Application Areas These parts are engineered for environments where frequency drift due to temperature changes would cause system failure: * **Telecommunications:** Base stations and microwave transmission. * **GPS Receivers:** Precision timing for satellite signal acquisition. * **Test Equipment:** Frequency counters and synthesizers. * **Embedded Systems:** Industrial controllers requiring long-term timing stability. --- ### 4. Part Number Decoder (Typical) While internal naming conventions vary, the "MHO" series generally breaks down as follows: * **MHO:** Series designation (Metal Hermetic Oscillator). * **4:** Voltage/Package size indicator. * **6:** Stability/Temperature grade. * **TFG:** Output logic type (e.g., HCMOS) and Pin configuration. * **R:** RoHS compliant.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MHO series DIP-14 package?
    • ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
    • ⤷ Is the MHO+46TFG-R compatible with 3.3V logic systems?