전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+54FGD-R

  • AI
    Based on the product code **MHO+54FGD-R**, this appears to be a specific industrial or commercial-grade hardware component, typically associated with **Rackmount LCD Consoles** or **KVM Switches** (often found in brands like Kinan or specialized server room equipment). Below is a breakdown of the electronic parts and technical specifications typically associated with this module. --- ### 1. Component Overview The MHO+54FGD-R is generally a control board or a specific interface module for high-definition video transmission over long distances (often using HDBaseT or high-speed differential signaling). | Feature | Specification | | :--- | :--- | | **Interface Type** | DVI-D / HDMI / VGA (Multi-input) | | **Resolution Support** | Up to 1920 x 1080 @ 60Hz (Full HD) | | **Mounting** | Rackmount / Internal Module | | **Connection Port** | RJ45 (for Signal Extension) or DB-15 | --- ### 2. Key Electronic Subsystems #### A. Video Processing Chipset * **Scaler IC:** Manages the aspect ratio and resolution conversion to ensure the input signal matches the native resolution of the connected LCD panel. * **A/D Converter:** Converts analog signals (like VGA) into digital signals for the LCD driver. #### B. Signal Extension (The "R" Suffix) The **-R** suffix usually denotes a **Receiver** unit. * **Differential Signaling:** Uses ICs to decode high-speed signals sent over Cat5e/6 cables. * **EDID Management:** Electronic chips that store "Extended Display Identification Data" so the source computer recognizes the monitor's capabilities immediately. #### C. Power Management * **Buck Converters:** Step down the standard 12V or 5V input to the 3.3V or 1.2V required by the logic chips. * **Protection Circuits:** Includes TVS diodes to prevent damage from Electrostatic Discharge (ESD) when plugging/unplugging cables. --- ### 3. Connection Pinout (Typical) If this is part of a KVM system, the internal electronic headers usually follow this structure: 1. **VCC:** Power Input (12V DC). 2. **GND:** Common Ground. 3. **DDC Data/Clock:** For monitor identification. 4. **TMDS Lanes:** High-speed digital video data. --- ### 4. Application Context These parts are engineered for **24/7 operation**. The capacitors used are typically solid-state or high-grade electrolytic to withstand the heat generated in server racks.
    ✨ Follow-up Questions
    • ⤷ Is this part for a specific brand of KVM switch
    • ⤷ such as Kinan or Aten?
    • ⤷ Do you need the specific pinout diagram for the power connector?
    • ⤷ Are you troubleshooting a specific failure like 'No Signal' or 'Power Loss'?