MHO+55TAAD-R
AI

The **MHO+55TAAD-R** is a specific part number for a high-stability **Crystal Oscillator** manufactured by MtronPTI. These components are essential in electronic circuits for providing a precise and stable clock signal.
---
### 1. Technical Specifications
The part number is coded with specific parameters regarding its frequency, stability, and physical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Full size) |
| **Output Type** | HCMOS / TTL |
| **Operating Voltage** | 5.0 VDC |
| **Frequency Stability** | ±50 ppm (Typical for '55' series) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by '-R') |
---
### 2. Key Internal Components
The "Electronic Parts" inside or associated with this module include:
* **AT-Cut Quartz Crystal:** The primary resonating element that determines the fundamental frequency.
* **Oscillator IC:** A CMOS integrated circuit that provides the necessary gain to maintain oscillation and buffers the output signal.
* **Bypass Capacitor:** Internal ceramic capacitors used to filter noise from the DC power supply input.
* **Gold-Plated Headers:** The 14-pin DIP housing uses robust pins for through-hole PCB mounting.
---
### 3. Pin Configuration (Typical 14-Pin DIP)
While it uses a 14-pin footprint, only four pins are typically active:
1. **Pin 1:** N/C (No Connection) or Tri-state Control.
2. **Pin 7:** Case Ground (VSS).
3. **Pin 8:** Output Signal (The clock frequency).
4. **Pin 14:** Supply Voltage (VDD / +5V).
---
### 4. Common Applications
Due to its rugged DIP packaging and industrial temperature rating, it is commonly used in:
* **Legacy Computing:** Motherboards and industrial controllers.
* **Telecommunications:** Base stations and timing synchronization.
* **Test Equipment:** Oscilloscopes and signal generators.
* **Embedded Systems:** Providing the heartbeat for microprocessors and FPGAs.
- ⤷
What is the exact output frequency for the MHO+55TAAD-R variant?
- ⤷ Can this oscillator be used in a 3.3V circuit without level shifting?
- ⤷ How does the 'TAAD' suffix modify the standard MHO series specifications?