MHO+55TFG-R
AI

The **MHO+55TFG-R** is a specific series of high-precision crystal oscillators manufactured by **MtronPTI**. These components are widely used in telecommunications and aerospace applications due to their stability and reliability.
### 1. Key Technical Specifications
Below are the general electronic characteristics associated with the MHO series (Standard 14-pin DIP package configuration):
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | HCMOS/TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | Typically 5.0V (Standard for MHO series) |
| **Frequency Range** | 1.000 MHz to 100.000 MHz (Model dependent) |
| **Package Style** | 14-pin DIP (Full size) Metal Can |
| **Operating Temperature** | -40°C to +85°C (Standard Industrial) |
---
### 2. Part Number Breakdown
The nomenclature for MtronPTI parts identifies specific electronic traits:
* **MHO:** Series designation (Metal Hermetic Oscillator).
* **+:** Denotes RoHS compliance (Lead-free).
* **5:** Usually refers to the supply voltage (e.g., 5.0V).
* **5:** Refers to the stability (e.g., ±50ppm).
* **T:** Temperature range code (e.g., -40°C to +85°C).
* **F:** Frequency stability / Symmetry code.
* **G:** Enable/Disable function (Tristate) on Pin 1.
* **-R:** RoHS compliant version.
---
### 3. Pin Configuration (14-pin DIP)
The electronic interface for this part follows a standard industry footprint for through-hole mounting:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | High = Enable; Low = High Impedance |
| **Pin 7** | GND | Circuit Ground / Case Ground |
| **Pin 8** | Output | Square wave frequency output |
| **Pin 14** | $V_{cc}$ | Positive Supply Voltage (+5V) |
---
### 4. Application and Usage
This part is an **active component**, meaning it generates a clock signal internally once power is applied. Unlike a simple crystal (passive), it does not require external capacitors or load matching.
* **Clock Generation:** Provides the heartbeat for Microprocessors, DSPs, and FPGAs.
* **Stability:** The metal hermetic seal protects the quartz crystal from environmental humidity and aging.
* **Noise Performance:** Low phase jitter suitable for high-speed data transmission.
- ⤷What is the exact frequency of your specific MHO+55TFG-R unit?
- ⤷ Can this oscillator be used in a 3.3V system?
- ⤷ What are the common alternatives to the 14-pin DIP package for this oscillator?