전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+57TBD-R

  • AI
    The **MHO+57TBD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Crystal Oscillator**. These components are essential in digital electronics for providing a precise and stable clock signal to microprocessors and communication systems. --- ## 1. Technical Specifications Based on the standard nomenclature for the MHO series (produced by manufacturers like MtronPTI), the specifications are generally as follows: | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Type** | 4-Pin SMD (Surface Mount) | | **Package Size** | ~ 5.0 x 7.0 mm (Industry Standard) | | **Output Logic** | HCMOS / TTL Compatible | | **Voltage Supply** | Usually 5.0V (Standard for MHO+ series) | | **Frequency Range** | Varies (Specific to the "TBD" marking) | | **RoHS Status** | "R" suffix indicates RoHS Compliant | --- ## 2. Part Number Breakdown Electronic part numbers are coded to provide specific information about their construction: 1. **MHO**: Represents the series (typically 5V HCMOS/TTL Through-hole or SMD equivalents). 2. **+**: Often indicates a specific stability or temperature enhancement. 3. **57**: Refers to the physical package dimensions (5x7mm). 4. **TBD**: In a general catalog, this stands for "To Be Determined," meaning the specific operating frequency is defined by the customer at the time of order. 5. **-R**: Indicates that the part is Lead-Free and complies with **RoHS** (Restriction of Hazardous Substances) regulations. --- ## 3. Functional Pinout As a 4-pin SMD oscillator, the pin configuration is standard across the industry: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | E/D or NC | Enable/Disable (Tri-state) or No Connect | | **Pin 2** | GND | Ground connection | | **Pin 3** | Output | The generated clock signal (Square wave) | | **Pin 4** | Vdd | Positive Power Supply (5.0V) | --- ## 4. Key Applications * **Microcontrollers:** Providing the heartbeat for CPU execution. * **Networking:** Synchronizing data transmission in Ethernet or Fiber interfaces. * **Industrial Control:** Used in PLCs and automation hardware due to high reliability. * **Legacy Systems:** 5V logic is common in older or high-noise industrial environments.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency required for your application?
    • ⤷ Do you need the datasheet for the MtronPTI MHO series?
    • ⤷ Are you looking for a lower voltage alternative
    • ⤷ such as 3.3V?