전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+58TGD-R

  • AI
    The **MHO+58TGD-R** refers to a high-performance **Oven Controlled Crystal Oscillator (OCXO)** manufactured by **MtronPTI**. These components are critical in telecommunications and aerospace applications where extreme frequency stability is required. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics of the MHO+ series OCXOs: | Feature | Specification | Description | | :--- | :--- | :--- | | **Nominal Frequency** | Varies (e.g., 10 MHz to 100 MHz) | The base oscillation frequency of the unit. | | **Output Type** | CMOS / HCMOS | Provides a square wave signal compatible with digital circuits. | | **Frequency Stability** | ±0.05 ppm to ±0.2 ppm | Extremely high stability against temperature changes. | | **Supply Voltage** | 3.3V or 5.0V | The standard operating voltage for the internal circuitry. | | **Operating Temp** | -40°C to +85°C | Industrial temperature range. | | **Package Style** | DIP-14 / Through-Hole | Often a 4-pin or 5-pin metal can package. | --- ### 2. Internal Electronic Structure The "MHO" designation signifies an **Oven Controlled** architecture. Unlike standard oscillators, it contains three primary sub-systems: 1. **Crystal Resonator:** The quartz crystal that determines the frequency. 2. **Heating Element & Sensor:** A thermistor and a heating resistor that maintain a constant internal temperature (the "turning point" of the crystal). 3. **Control Circuitry:** An analog or digital feedback loop that ensures the internal oven stays at a precise temperature, isolating the crystal from external thermal fluctuations. --- ### 3. Part Number Decoder While specific suffix codes can vary by custom order, the general breakdown for MtronPTI parts is as follows: * **MHO:** Series designation (High stability OCXO). * **58:** Refers to the physical package size and pin configuration. * **TGD:** Usually indicates the temperature range and stability grade (e.g., "T" for -40/+85°C). * **-R:** RoHS Compliant (Lead-free). --- ### 4. Common Applications Due to its precision, this part is used in: * **Base Stations:** Synchronizing timing in 4G/5G cellular networks. * **GPS/GNSS Receivers:** Providing a stable clock for satellite signal locking. * **Test Equipment:** Frequency counters and signal generators. * **Synchronous Ethernet:** Clocking for high-speed data transmission. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference in stability between an OCXO like this and a standard TCXO?
    • ⤷ How much power does the heating element typically consume during startup?
    • ⤷ What are the specific pinout assignments for the MHO+58 package?