AI

The part number **MHO+62FBD-R** typically refers to a high-precision, surface-mount (SMD) clock oscillator. These components are essential in digital electronics for providing a stable timing signal (clock pulse) to microprocessors, FPGAs, and communication interfaces.
---
### 1. General Specifications
The "MHO" series is generally produced by manufacturers like **MtronPTI**, known for high-reliability frequency control products.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | SMD (Surface Mount Device) |
| **Size** | 5.0 x 7.0 mm (standard for 4-pad or 6-pad layouts) |
| **Frequency Stability** | Usually ±25ppm to ±100ppm |
| **Output Type** | HCMOS/TTL Compatible |
| **RoHS Status** | Compliant (indicated by the "R" suffix) |
---
### 2. Part Number Breakdown (Interpretation)
While specific coding can vary by manufacturer year, the alphanumeric string generally breaks down as follows:
* **MHO:** Series designation (High-speed CMOS/TTL Oscillator).
* **+:** Often indicates an upgraded version or Lead-Free/RoHS compliance.
* **62:** Usually refers to the operating voltage (e.g., 6 indicates 3.3V or 5V operation, though this varies by data sheet).
* **F:** Frequency Stability code (commonly ±100ppm or ±50ppm depending on the specific catalog).
* **BD:** Temperature Range and Duty Cycle code (typically -40°C to +85°C for industrial use).
* **R:** Packaging (Tape and Reel) or RoHS Compliance.
---
### 3. Key Electronic Characteristics
These parts are designed to be "plug-and-play" timing sources. Unlike a simple crystal, an oscillator includes the internal circuitry required to vibrate the quartz.
1. **Supply Voltage ($V_{DD}$):** Usually operates at **3.3V** or **5.0V**.
2. **Tri-State Function:** Pin 1 is often a "High Impedance" or "Enable/Disable" pin. When pulled low, the output stops, allowing for power saving.
3. **Low Jitter:** Designed for high-speed data transmission where timing precision is critical to avoid data errors.
4. **Load Capacitance:** Optimized for a 15pF to 30pF load.
---
### 4. Typical Pinout (4-Pad Configuration)
If you are looking at the bottom of the component, the pinout is generally standard for the 5x7mm footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect |
| **2** | GND | Circuit Ground |
| **3** | Output | Clock Signal (Square Wave) |
| **4** | $V_{DD}$ | Supply Voltage |
---
### 5. Common Applications
* **Networking:** Ethernet switches and routers.
* **Industrial:** PLCs and embedded controllers.
* **Computing:** High-speed I/O interfaces.
* **Storage:** Fiber Channel and SAN equipment.
- ⤷What is the exact frequency of the MHO+62FBD-R in MHz?
- ⤷ How does an oscillator differ from a standard crystal in a circuit design?
- ⤷ What are the soldering temperature requirements for this SMD package?