MHO+63TAG-R
AI

The **MHO+63TAG-R** is a specific electronic component, typically categorized as a **Crystal Oscillator**. These parts are fundamental in electronic circuits for generating stable clock signals.
---
### 1. General Specifications
Based on the part numbering convention common for this series (often associated with manufacturers like MtronPTI), here is the technical breakdown:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | DIP-14 (Full size) or DIP-8 (Half size) Metal Can |
| **Output Type** | HCMOS / TTL Compatible |
| **Voltage Supply** | Usually 5.0V or 3.3V (Specific to the "63" code) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric string provides specific details about the component's architecture:
* **MHO**: Series prefix, generally indicating a Metal Hermetic Oscillator.
* **+**: Often indicates a specific lead-free or enhanced performance variant.
* **63**: This is a voltage/stability code. In many oscillator series, "63" refers to a **3.3V supply voltage** with a specific frequency stability (often ±50ppm or ±100ppm).
* **T**: Usually denotes the operating temperature range (e.g., -40°C to +85°C for Industrial grade).
* **A**: This may refer to the "symmetry" or duty cycle of the output signal (e.g., 40/60%).
* **G**: Often refers to the Tristate (Enable/Disable) function on Pin 1.
* **-R**: Strictly indicates **RoHS Compliance** (Restriction of Hazardous Substances).
---
### 3. Key Electronic Functions
1. **Frequency Generation**: It provides the "heartbeat" for microprocessors and digital logic circuits.
2. **Stability**: Unlike a simple RC circuit, this crystal-based part maintains a very precise frequency regardless of minor temperature or voltage fluctuations.
3. **Tristate Capability**: The "G" designation usually allows the output to be turned off (high impedance state) to save power or allow for circuit testing without removing the component.
### 4. Common Applications
* Embedded systems and Microcontrollers.
* Telecommunications equipment.
* Industrial control boards.
* Data processing hardware.
---
- ⤷What is the exact frequency of your specific MHO+63TAG-R unit?
- ⤷ How do you connect the Tristate (Pin 1) to enable the output?
- ⤷ What are the physical dimensions of the DIP-14 package?