MHO+63TCG-R
AI

The **MHO+63TCG-R** is a specific series of high-precision crystal oscillators, typically manufactured by companies like **MtronPTI**. This part belongs to the **MHO+** series, which are characterized by their "Half-Size" DIP (Dual In-line Package) footprint and high reliability.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Package Type** | Half-Size DIP | 4-pin metal thru-hole package. |
| **Output Type** | CMOS / TTL | Compatible with most digital logic circuits. |
| **Input Voltage** | 5.0V or 3.3V | Standard supply voltage (check specific datasheet for '63' variant). |
| **Frequency Stability** | High Precision | Usually ranges from ±25ppm to ±100ppm depending on the grade. |
| **Operating Temp** | -40°C to +85°C | Industrial temperature range (Standard for 'T' designation). |
| **RoHS Status** | Compliant | The 'R' suffix usually denotes RoHS compliance. |
---
### 2. Pin Configuration
The MHO+ series typically utilizes a 4-pin layout, though it fits in a 14-pin DIP footprint (half-size).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC / Tri-state | No connection or Output Enable/Disable. |
| **Pin 7** | GND | Ground connection. |
| **Pin 8** | Output | The generated clock signal (Square wave). |
| **Pin 14** | Vcc | Power supply input. |
---
### 3. Key Applications
Because of its robust metal casing and stable frequency output, the MHO+63TCG-R is commonly found in:
* **Networking Equipment:** Providing clock signals for routers and switches.
* **Industrial Controllers:** Timing for PLCs and embedded systems.
* **Legacy Computing:** Replacement parts for older hardware requiring DIP-style oscillators.
* **Test & Measurement:** Used in signal generators and data acquisition units.
---
### 4. Circuit Integration Example
To use this component in a digital circuit, a bypass capacitor is recommended to filter noise.
```cpp
// Schematic Concept:
// [Vcc 5V] ----+---- [Pin 14: Vcc]
// |
// [0.1uF Cap]
// |
// [GND] -------+---- [Pin 7: GND]
//
// [Pin 8: Output] -> Connected to MCU/FPGA Clock Input
```
---
- ⤷
What is the exact frequency of the MHO+63TCG-R version you are looking for?
- ⤷ Are there modern SMD alternatives to this half-size DIP oscillator?
- ⤷ How does the 'Tri-state' function on Pin 1 affect the power consumption?