MHO+64TDD-R
AI

The **MHO+64TDD-R** is a specific high-performance crystal oscillator (XO) commonly used in telecommunications, networking, and precision timing applications. It is part of the **MHO+ series** manufactured by companies like **MtronPTI**.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Crystal Oscillator (XO) | A fixed-frequency clock source. |
| **Output Type** | CMOS / HCMOS | Provides a digital square wave output compatible with standard logic. |
| **Package Size** | 14-pin DIP (Full Size) | A metal "Through-Hole" package (often rectangular). |
| **Supply Voltage** | 5.0 VDC | Standard operating voltage for the MHO series. |
| **Frequency Range** | 1.0 MHz to 156 MHz | Depending on the specific sub-variant. |
| **Stability** | ±100 ppm to ±25 ppm | Frequency stability over temperature (D-code specific). |
---
### 2. Breakdown of the Part Number
The alphanumeric string defines the component's environmental and electrical limits:
* **MHO+**: The series designation (High-speed CMOS, 5.0V, Metal package).
* **64**: Represents the frequency stability and operating temperature range (typically $\pm$50ppm over -40°C to +85°C).
* **T**: Indicates "Tri-state" functionality. This allows the output pin to enter a high-impedance state, effectively disconnecting it from the circuit.
* **DD**: Specific internal manufacturing or frequency codes.
* **R**: RoHS Compliant (Lead-free).
---
### 3. Key Electronic Features
1. **Tri-State Enable/Disable:** Pin 1 is usually the control pin. When active, the oscillator outputs the clock; when disabled, it saves power and allows for bus-sharing.
2. **Hermetic Sealing:** The metal "can" (DIP-14) is resistance-welded to protect the quartz crystal from moisture and atmospheric pressure changes, ensuring long-term aging stability.
3. **Low Jitter:** Designed for high-speed data transmission where timing precision is critical to avoid data errors.
---
### 4. Common Pinout (DIP-14 Style)
Most MHO+ series oscillators follow this standard configuration:
| Pin Number | Function |
| :--- | :--- |
| **1** | N/C or Tri-state Control |
| **7** | Case Ground (GND) |
| **8** | Output (Clock Signal) |
| **14** | Supply Voltage (+Vcc) |
---
- ⤷
What is the difference between the MHO+ and the MSO series?
- ⤷ How does 'Tri-state' functionality affect power consumption in this part?
- ⤷ What are the specific temperature range ratings for the '64' code?