전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+64TFD-R

  • AI
    The **MHO+64TFD-R** is a high-precision, temperature-compensated crystal oscillator (TCXO) or a specialized clock module typically produced by manufacturers like **MtronPTI**. These components are critical in telecommunications and high-speed data networking. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature used for industrial timing devices. Below are the typical characteristics associated with this series: | Parameter | Specification | | :--- | :--- | | **Output Type** | CMOS / TTL Compatible | | **Package Style** | 14-pin DIP (DIL) Metal Can | | **Frequency Stability** | High (Temperature Compensated) | | **Voltage Supply** | Typically 5.0V or 3.3V (Model dependent) | | **Mounting Type** | Through-hole | | **Operating Temperature** | Industrial Grade (-40°C to +85°C) | --- ### 2. Functional Components The "Electronic Parts" inside this module consist of a complex circuit designed to maintain a perfect clock signal: * **Quartz Crystal Resonator:** The core vibrating element that determines the fundamental frequency. * **Varactor Diode:** Used in the compensation network to pull the frequency back to its center point as temperature changes. * **Temperature Sensor (Thermistor):** Monitors the ambient heat to provide feedback to the compensation circuit. * **Buffer IC:** An internal integrated circuit that shapes the sine wave from the crystal into a clean square wave (CMOS) for digital circuits. * **Decoupling Capacitors:** Internal surface-mount capacitors to filter noise from the power supply line. --- ### 3. Part Number Breakdown (Typical) While manufacturers vary slightly, the "MHO" series usually decodes as follows: 1. **MHO:** Series designation (High-speed CMOS/TTL Oscillator). 2. **64:** Frequency code or package size variant. 3. **T:** Temperature Range (often denotes wide industrial range). 4. **F:** Frequency Stability indicator (e.g., ±25ppm or ±50ppm). 5. **D:** Duty Cycle specification (e.g., 45/55%). 6. **R:** RoHS Compliant (Lead-free). --- ### 4. Common Applications Due to its stability and metal shielding (which reduces Electromagnetic Interference - EMI), it is commonly found in: * **Network Switches/Routers:** Providing the base heartbeat for data packet processing. * **Industrial Controllers:** Where timing must remain accurate despite heat generated in factory environments. * **Legacy Computing:** Replacement parts for high-end workstations requiring 14-pin DIP footprints.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the MHO+64TFD-R model?
    • ⤷ Can this part be replaced with a standard 4-pin surface mount oscillator?
    • ⤷ How does temperature compensation differ from a standard crystal oscillator?