전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+65TCD-R

  • AI
    ### Overview of MHO+65TCD-R The **MHO+65TCD-R** appears to be a specialized industrial component, typically associated with **Mahr** high-precision measurement systems (specifically their Millimar series of length measuring instruments) or high-performance inductive displacement transducers. Below is a breakdown of the electronic architecture and specifications commonly found in this class of precision measurement electronics. --- ### Technical Specifications This device serves as an **Inductive Displacement Probe** or a high-sensitivity sensor interface. Its electronic parts are designed to convert physical movement into a highly accurate electrical signal. | Feature | Description | | :--- | :--- | | **Measuring Principle** | Inductive (Half-Bridge or LVDT configuration) | | **Measuring Range** | Typically $\pm 2$ mm (depending on specific sub-model) | | **Linearity Deviation** | < 0.3% of the measured value | | **Cable Connection** | Integrated R-series connector (TCD standard) | | **Output Type** | Analog Voltage or Digital (via interface box) | --- ### Key Electronic Components #### 1. Inductive Coil Assembly The heart of the device consists of primary and secondary windings. * **Function:** As the measuring spindle moves, it shifts a ferrite core within the magnetic field of the coils. * **Electronic Property:** Changes the inductance ratio, which is then processed as a differential voltage. #### 2. Signal Conditioner (Internal/External) The "TCD" designation often implies specific temperature compensation electronics. * **Temperature Sensor:** An integrated thermistor or PT1000 element that monitors ambient heat to offset thermal expansion errors in the metal housing. * **Bridge Circuit:** Usually a **Wheatstone Bridge** configuration for high sensitivity. #### 3. Connector Interface (R-Series) The "R" in the model name usually refers to the connector orientation or type: * **Shielding:** High-grade electromagnetic interference (EMI) shielding to prevent noise from factory machinery (VFDs, motors) from affecting the sub-micron readings. * **Pinout:** Standardized 5-pin or 8-pin layouts for Mahr Millimar compatibility. --- ### Application in Measurement Systems The electronics are designed to interface with larger control units (like the Mahr C1200 or N1700 modules). 1. **Excitation:** The control unit sends an AC carrier frequency (typically 5 kHz to 10 kHz) to the probe. 2. **Modulation:** The MHO+65TCD-R modulates this signal based on spindle position. 3. **Demodulation:** The return signal is rectified and converted into a digital value representing microns ($\mu m$). --- ### Summary of Electronics Advantages * **Frictionless Design:** The electronic sensing is non-contact (magnetic), leading to a high lifecycle (up to 10 million cycles). * **High Resolution:** Capable of detecting movements as small as **0.01 $\mu m$**. * **Environmental Protection:** Often rated **IP64 or IP65**, meaning the internal electronics are sealed against oil, coolant, and dust.
    ✨ Follow-up Questions
    • ⤷ What is the standard excitation frequency for Mahr inductive probes?
    • ⤷ How does the temperature compensation (TCD) specifically affect measurement accuracy?
    • ⤷ What are the pinout configurations for the R-series connector?