전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+66TCG-R

  • AI
    ## MHO+66TCG-R: Electronic Component Analysis The **MHO+66TCG-R** is a high-precision, industrial-grade **Crystal Oscillator** (often referred to as a Clock Oscillator). It is commonly manufactured by companies like **MtronPTI**. These components are essential for providing a stable timing signal (clock pulse) for microprocessors, digital circuits, and communication systems. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the MHO series, here are the technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | Fixed frequency output | | **Package Style** | 14-pin DIP (Full size) | Through-hole mounting | | **Output Type** | HCMOS / TTL | Compatible with most digital logic | | **Operating Voltage** | 5.0V (Standard) | Common for legacy and industrial systems | | **Frequency Stability** | ±100 ppm (Typical) | Variance over temperature/time | | **Temperature Range** | -40°C to +85°C | Industrial grade rating | | **RoHS Status** | Compliant (-R suffix) | Lead-free construction | --- ### 2. Functional Description The device combines a quartz crystal blank with an oscillation circuit and an output buffer inside a single hermetically sealed metal package. * **Internal Quartz:** Acts as the mechanical resonator. * **Buffer Circuit:** Ensures the output signal is strong enough to drive multiple logic gates (Fan-out) without distorting the frequency. * **Tri-state Function:** (Often indicated by the "T" in the code) This allows the output to be placed in a high-impedance state, effectively "disconnecting" it from the bus for testing or power-saving purposes. --- ### 3. Pinout Configuration (Standard 14-pin DIP) Though it has a 14-pin footprint, usually only 4 pins are electrically connected: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | N/C or Tri-State | Enable/Disable control | | **7** | GND | Circuit Ground | | **8** | Output | The generated clock signal | | **14** | Vcc | +5.0V Power Supply | --- ### 4. Applications Due to its robust DIP packaging and industrial temperature rating, the MHO+66TCG-R is typically found in: 1. **Industrial Control Systems:** PLCs and automation hardware. 2. **Telecommunications:** Timing for networking hubs. 3. **Legacy Computing:** Replacement parts for older motherboards or embedded systems. 4. **Test & Measurement:** Oscilloscopes and signal generators. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the 66TCG-R variant in MHz?
    • ⤷ How does the 'Tri-state' pin function impact circuit design?
    • ⤷ Are there surface-mount (SMD) equivalents for this specific through-hole oscillator?