AI

The **MHO+67FCG-R** is a high-precision, temperature-compensated crystal oscillator (TCXO) component, typically used in radio frequency (RF) and high-accuracy timing circuits. Below is a detailed breakdown of its electronic specifications and characteristics.
---
## 1. Technical Overview
This component is manufactured by **Mercury Electronic**, specializing in frequency control products. The "MHO" series typically represents a specific package type (High-Precision SMD), and the suffixes denote frequency, stability, and temperature range.
### Key Specifications
| Feature | Parameter Detail |
| :--- | :--- |
| **Output Type** | CMOS / HCMOS |
| **Supply Voltage (Vcc)** | Typically +3.3V or +5.0V (Variant dependent) |
| **Frequency Stability** | $\pm$1.0ppm to $\pm$2.5ppm (High Stability) |
| **Package Style** | Surface Mount Device (SMD) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (R suffix denotes RoHS) |
---
## 2. Pin Configuration
For the MHO SMD series, the pinout follows a standard 4-pad or 6-pad configuration. Typically:
1. **Pin 1 (VC / NC):** Voltage Control (for VCTCXOs) or No Connection.
2. **Pin 2 (GND):** Case ground and circuit supply return.
3. **Pin 3 (Output):** High-speed CMOS clock output.
4. **Pin 4 (Vcc):** Positive power supply input.
---
## 3. Core Features & Advantages
* **Temperature Compensation:** Unlike standard crystal oscillators (XO), the "FCG" designation often points to internal compensation circuitry that adjusts the frequency based on ambient temperature changes, preventing "drift."
* **Low Phase Noise:** Designed for communication equipment where signal integrity is critical.
* **Compact Footprint:** Miniature SMD design allows for high-density PCB layouts.
---
## 4. Common Applications
Due to its high stability, the MHO+67FCG-R is found in the following sectors:
* **Wireless Communication:** Base stations, point-to-point radio, and Wi-Fi infrastructure.
* **GPS/GNSS:** Used in positioning systems that require precise timing to synchronize with satellites.
* **Networking:** Synchronous Ethernet (SyncE) and hardware clocking for routers/switches.
* **Test & Measurement:** Internal clock reference for portable oscilloscopes or signal generators.
---
## 5. Part Number Decoding (Typical)
* **MHO:** Series Designation (Mercury High Precision).
* **67:** Package size code (e.g., 7.0 x 5.0 mm).
* **F/C/G:** Specific internal codes for stability (F), temperature range (C), and voltage (G).
* **R:** Denotes RoHS compliance.
- ⤷
What is the exact frequency of the MHO+67FCG-R variant you are using?
- ⤷ How do the phase noise characteristics compare to standard XOs?
- ⤷ What are the recommended soldering temperature profiles for this SMD component?