전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+67TFG-R

  • AI
    Based on the part number provided, the **MHO+67TFG-R** typically refers to a high-precision **Crystal Oscillator** (often an XO or TCXO) manufactured by companies like **MtronPTI**. These components are essential for generating stable clock frequencies in electronic circuits. --- ### 1. Technical Specifications The alphanumeric code describes the physical and electrical characteristics of the oscillator. While specific internal datasheets may vary slightly, the "MHO" series generally follows this architecture: | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (Fixed Output) | | **Package Style** | 14-pin DIP (Dual In-line Package) - often "Half-size" or "Full-size" metal can | | **Supply Voltage** | Typically 5.0V or 3.3V (standard for the MHO series) | | **Output Type** | TTL / HCMOS Compatible | | **RoHS Status** | The **-R** suffix denotes RoHS Compliance (Lead-free) | --- ### 2. Key Internal Electronic Parts An oscillator like the MHO+67TFG-R is an integrated module consisting of several sub-components: 1. **Quartz Crystal Blank:** The heart of the unit. It is a thin slice of quartz that vibrates at a specific resonant frequency when an electric field is applied (Piezoelectric effect). 2. **Oscillator IC:** An application-specific integrated circuit (ASIC) that provides the gain needed to sustain oscillation and buffers the output signal. 3. **Load Capacitors:** Internal surface-mount capacitors used to tune the crystal to the exact desired frequency. 4. **Bypass Capacitor:** Usually included inside the metal can to filter noise from the power supply ($V_{cc}$). 5. **Metal Housing:** A hermetically sealed "can" that protects the quartz from moisture and provides EMI (Electromagnetic Interference) shielding. --- ### 3. Pin Configuration (Typical) For a standard 14-pin DIP footprint (where only 4 pins are usually present): | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC / Tri-state | No connection or Output Enable/Disable | | **7** | GND | Circuit Ground | | **8** | Output | The generated clock signal (Square Wave) | | **14** | $V_{cc}$ | Supply Voltage input | --- ### 4. Common Applications * **Microprocessors:** Providing the "heartbeat" for CPUs. * **Networking:** Timing for Ethernet controllers and switches. * **Industrial Control:** Synchronizing data conversion in PLC systems. * **Embedded Systems:** Reliable clocking for FPGAs and Microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the MHO+67TFG-R model?
    • ⤷ How does a TCXO differ from a standard XO in terms of temperature stability?
    • ⤷ What are the advantages of a metal DIP package over an SMD package for oscillators?