전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+73FDG-R

  • AI
    The **MHO+73FDG-R** refers to a high-precision, high-frequency **Crystal Oscillator** (often categorized under the MHO series by manufacturers like MtronPTI). These components are critical for providing a stable clock signal in telecommunications and data processing hardware. --- ### 1. Technical Specifications The part number typically breaks down into specific electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Style** | 14-pin DIP (Full size) or 4-pin compatible | | **Output Type** | CMOS / TTL | | **Supply Voltage** | Usually 5.0V (Standard for MHO series) | | **Frequency Stability** | Often ±50ppm to ±100ppm (depending on the "G" suffix) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Internal Components An oscillator like the MHO+73FDG-R is an integrated solution consisting of several sub-parts: 1. **Quartz Crystal Blank:** The "heart" of the device. It is a thin slice of quartz that vibrates at a specific resonant frequency when an electric field is applied (Piezoelectric effect). 2. **Oscillator IC:** An internal integrated circuit that provides the necessary gain to sustain oscillation and shapes the output into a clean square wave (CMOS/TTL). 3. **Bypass Capacitor:** Internal surface-mount capacitors used to filter noise from the power supply line to ensure frequency stability. 4. **Hermetic Package:** A metal "can" filled with nitrogen or vacuum-sealed to protect the quartz from moisture and aging. --- ### 3. Pin Configuration (Standard 14-pin DIP Layout) Even though the casing is large, typically only four pins are electrically active: * **Pin 1:** NC (No Connection) or Tri-state Control (Enable/Disable). * **Pin 7:** Ground (Case Ground). * **Pin 8:** Output (The clock signal). * **Pin 14:** Vcc (+5V DC Power). --- ### 4. Typical Applications Because of its "R" (RoHS Compliant) designation and industrial temperature rating, it is commonly used in: * **Networking Gear:** Switches, routers, and hubs. * **Legacy Computing:** Motherboards or industrial controllers requiring 5V logic. * **Test & Measurement:** Oscilloscopes and signal generators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Crystal and a Crystal Oscillator like the MHO series?
    • ⤷ How does the 'Tri-state' function work on Pin 1 of this device?
    • ⤷ Are there modern SMD equivalents for this older 14-pin DIP package?