전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+74FAAG-R

  • AI
    Based on the part number **MHO+74FAAG-R**, this component is a high-precision **Crystal Oscillator** manufactured by **MtronPTI**. These parts are typically used in applications requiring stable frequency generation, such as telecommunications, networking, and industrial computing. --- ### 1. Technical Specifications Table The alphanumeric code provides specific details about the component's performance and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | MtronPTI | | **Package Type** | 5x7 mm Surface Mount (SMD) | | **Supply Voltage** | Typically 3.3V or 5.0V (Series dependent) | | **Frequency Range** | 1.5000 MHz to 155.5200 MHz | | **Output Type** | HCMOS / TTL Compatible | | **Operating Temperature** | Often -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown While manufacturer coding can vary slightly over time, the **MHO+** series generally follows this logic: * **MHO+**: Series designation for HCMOS/TTL Clock Oscillators in a 5x7mm ceramic leadless chip carrier (LCC). * **74**: Represents the voltage and stability combination (e.g., 5.0V with ±25ppm or ±50ppm stability). * **F**: Stability/Temperature code (Standard industrial range). * **AA**: Internal manufacturer revision or specific output configuration. * **G**: Symmetry/Duty Cycle requirements (typically 40/60% or 45/55%). * **-R**: RoHS Compliant (Lead-free). --- ### 3. Key Features * **Tri-State Functionality**: Allows the output to be placed in a high-impedance state, which is useful for testing or power saving. * **Low Jitter**: Designed for high-speed data applications where timing precision is critical. * **Durability**: Hermetically sealed package to protect against moisture and environmental contaminants. ### 4. Common Applications 1. **Networking**: Routers, switches, and fiber-optic modules. 2. **Embedded Systems**: Providing the clock pulse for Microprocessors and FPGAs. 3. **Storage**: Used in SAN (Storage Area Networks) and high-speed disk controllers. ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the MHO+74FAAG-R unit you are looking at?
    • ⤷ Are there specific alternatives from other brands like Epson or SiTime?
    • ⤷ How does the Tri-state function operate in this specific oscillator series?