MHO+74FFG-R
AI

The **MHO+74FFG-R** is a specific series of high-frequency crystal oscillators manufactured by **MtronPTI**. These components are critical in telecommunications and data processing for providing stable clock signals.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The MHO+ series typically follows the industry-standard 14-pin DIP (Dual In-line Package) footprint, though it often only utilizes 4 pins.
| Feature | Specification |
| :--- | :--- |
| **Package Type** | 14-pin DIP (Compatible) / Metal Can |
| **Frequency Range** | Typically 1.0 MHz to 150.0 MHz |
| **Output Type** | HCMOS / TTL |
| **Operating Voltage** | 5.0V (Standard for the MHO series) |
| **RoHS Compliant** | Yes (Indicated by the **-R** suffix) |
---
### 2. Part Number Breakdown
To understand the specific electronic capabilities, we can decode the nomenclature:
* **MHO**: Represents the product series (Metal Hollow Oscillator / HCMOS-TTL).
* **+**: Usually denotes a specific revision or lead-free process improvement.
* **7**: Refers to the Operating Temperature range (typically 0°C to +70°C).
* **4**: Refers to the Frequency Stability (e.g., ±50 ppm or ±100 ppm depending on the datasheet revision).
* **FFG**: Internal codes for specific output symmetry and pull-range requirements.
* **-R**: Strictly indicates **RoHS Compliance** (Lead-free).
---
### 3. Pin Configuration
The physical layout follows the standard "full-size" oscillator pinout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Case Ground / Negative Power Supply |
| **8** | Output | The generated clock signal (Square wave) |
| **14** | Vcc | +5.0V DC Positive Power Supply |
---
### 4. Key Electronic Features
* **High Drive Capability:** Designed to drive multiple CMOS or TTL loads without significant signal degradation.
* **Hermetically Sealed:** The metal "can" package protects the internal quartz crystal from atmospheric moisture and EMI (Electromagnetic Interference).
* **Low Jitter:** Optimized for high-speed data applications where timing precision is vital to prevent bit errors.
---
### 5. Common Applications
Due to its robust metal package and 5V operation, it is commonly found in:
1. **Legacy Computing:** Motherboards or industrial PC-104 boards.
2. **Networking:** Routers and switches requiring a master clock.
3. **Industrial Control:** Timing for PLCs and automation hardware.
- ⤷
What is the difference between the MHO and MHE series from MtronPTI?
- ⤷ How does the 'Tri-state' function on Pin 1 affect power consumption?
- ⤷ Are there 3.3V versions of this oscillator available?