MHO+75TAD-R
AI

The **MHO+75TAD-R** is a high-performance **Crystal Oscillator** (specifically a Clock Oscillator) manufactured by MtronPTI. It is designed for high-frequency stability and reliability in telecommunications and data processing applications.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by MtronPTI to define its electrical characteristics.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Package Type** | Half-size DIP (8-pin) | Thru-hole mounting style |
| **Output Type** | HCMOS / TTL | Compatible with standard logic levels |
| **Supply Voltage (Vcc)** | +5.0 VDC | Standard operating voltage |
| **Frequency Stability** | ±50 ppm | Total stability over temperature and voltage |
| **Temperature Range** | 0°C to +70°C | Commercial operating range |
| **Duty Cycle** | 40/60% to 45/55% | Symmetric clock pulse |
| **RoHS Compliant** | Yes (indicated by -R) | Lead-free construction |
---
### 2. Functional Description
As a **Clock Oscillator**, the MHO+75TAD-R serves as the "heartbeat" of an electronic circuit. It combines a quartz crystal blank with oscillation and output circuitry inside a hermetically sealed metal package.
* **Frequency Generation:** It provides a fixed-frequency square wave signal.
* **Tri-state Function (T):** The "T" in the part number often indicates **Tri-state capability** (Enable/Disable function). This allows the output to be disconnected (high impedance) when a specific pin is pulled low, which is useful for testing or power management.
* **Jitter Performance:** Designed for low phase noise and low jitter to ensure data integrity in high-speed digital systems.
---
### 3. Pin Configuration (Standard 8-pin DIP)
Though it uses a physical 8-pin layout, only four pins are typically functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | E/D or N/C | Enable/Disable (Tri-state) or No Connect |
| **Pin 4** | GND | Circuit and Case Ground |
| **Pin 5** | Output | The generated clock signal |
| **Pin 8** | +Vcc | +5.0V Power Supply |
---
### 4. Applications
Due to its 5V operation and stable HCMOS output, it is commonly used in:
* Legacy computing hardware.
* Industrial control systems.
* Network switches and routers.
* Embedded systems requiring a robust thru-hole timing source.
- ⤷
What is the exact frequency of your specific MHO+75TAD-R unit?
- ⤷ How does the Tri-state function (Pin 1) affect power consumption?
- ⤷ Are there surface-mount (SMD) equivalents for this thru-hole part?