전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+76FGG-R

  • AI
    Based on the part number **MHO+76FGG-R**, this is a specific component typically associated with **MHO (MtronPTI)** high-stability crystal oscillators. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Component Overview The MHO series consists of high-reliability **Crystal Oscillators (XO)** often used in communication and industrial applications where precision timing is required. ### Key Specifications Table | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | MtronPTI | | **Package Type** | 14-pin DIP (Dual In-line Package) - Half Size or Full Size | | **Output Type** | HCMOS / TTL Compatible | | **Supply Voltage** | Typically 5.0V or 3.3V (Model dependent) | | **Frequency Range** | 1.000 MHz to 100.000 MHz | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ## 2. Part Number Breakdown While manufacturer coding can vary slightly by production year, the string generally breaks down as follows: * **MHO**: The series prefix for MtronPTI Metal Half-size/Full-size Oscillators. * **7**: Usually denotes the Supply Voltage (e.g., 5.0V). * **6**: Often refers to the Frequency Stability (e.g., ±25ppm or ±50ppm). * **F**: Temperature Range code (e.g., Industrial: -40°C to +85°C). * **GG**: Output logic and Symmetry (HCMOS/TTL). * **-R**: **RoHS Compliant**. This indicates the part is lead-free and meets environmental safety standards. --- ## 3. Technical Features ### Electrical Performance * **Frequency Stability:** Provides high precision over the operating temperature range, reducing "drift" in digital circuits. * **Drive Capability:** Designed to drive standard CMOS loads (typically 15pF to 50pF). * **Start-up Time:** Very fast stabilization, usually under 10ms. ### Mechanical Construction * **Hermetically Sealed:** The internal quartz crystal is sealed in a metal canister to prevent aging caused by moisture or atmospheric contaminants. * **Through-Hole Mounting:** The DIP configuration makes it ideal for robust industrial PCBs or legacy hardware repairs. --- ## 4. Typical Applications These oscillators are found in environments where timing accuracy is critical: 1. **Networking:** Routers, switches, and telecommunication base stations. 2. **Industrial Control:** Programmable Logic Controllers (PLCs) and automated machinery. 3. **Data Processing:** Embedded systems requiring a stable clock source for microprocessors. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency value printed on your specific MHO+76FGG-R unit?
    • ⤷ Do you need a modern surface-mount (SMD) equivalent for this through-hole part?
    • ⤷ Are you troubleshooting a timing issue in an existing circuit board?