전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+76TBD-R

  • AI
    The **MHO+76TBD-R** is a specific type of **Crystal Oscillator** (often categorized under Frequency Control products). This component is a "Clock Oscillator" designed to provide a precise and stable timing signal for digital circuits. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | XO (Standard Clock Oscillator) | | **Package Style** | 14-pin DIP (Thru-hole) - Full Size | | **Output Type** | HCMOS / TTL | | **Supply Voltage** | Typically 5.0V (Standard for this series) | | **Stability** | Usually ±50ppm or ±100ppm (depending on the full suffix) | | **Operating Temp** | 0°C to +70°C (Standard commercial grade) | --- ### 2. Breakdown of the Part Number The part number can be decoded as follows: 1. **MHO+**: Represents the product series (Metal Housing, High Reliability/Standard Clock). 2. **7**: Refers to the Voltage/Output type (often signifying 5V operation). 3. **6**: Denotes the Frequency Stability (specific code for parts per million). 4. **TBD**: This is typically a placeholder for the **Frequency**. For example, if it were `MHO+76TBD-25.000M`, it would be a 25MHz oscillator. 5. **-R**: Indicates **RoHS Compliance** (Lead-free). --- ### 3. Physical Construction * **Housing**: It is encased in a hermetically sealed metal "can" (DIP-14 footprint). This protects the internal quartz crystal from environmental interference and reduces Electromagnetic Interference (EMI). * **Pins**: Even though it uses a 14-pin footprint, usually only 4 pins are active: * **Pin 1**: NC (No Connection) or Tri-state Enable/Disable. * **Pin 7**: Case Ground (GND). * **Pin 8**: Output Signal. * **Pin 14**: Supply Voltage (Vcc). --- ### 4. Common Applications These oscillators are used in legacy hardware or industrial equipment where surface-mount technology (SMT) is not preferred, or where physical robustness is required: * **Microprocessor Clocks**: Providing the base heartbeat for CPUs. * **Networking Gear**: Timing for data transmission. * **Embedded Systems**: Industrial controllers and legacy PC motherboards. --- ### 5. Circuit Implementation When integrating this part into a circuit, a decoupling capacitor (usually **0.01µF to 0.1µF**) should be placed as close as possible to the Vcc pin (Pin 14) and Ground (Pin 7) to minimize noise. ```c // Example of how the output of an oscillator is used in firmware logic // The MHO+76TBD-R provides the hardware clock that drives these cycles. void setup() { pinMode(CLOCK_INPUT_PIN, INPUT); // Receives the pulse from the MHO unit } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency required for your application?
    • ⤷ Do you need a pinout diagram for the 14-pin DIP package?
    • ⤷ Are you looking for a modern SMT equivalent for this part?