전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO312TCG-R

  • AI
    The **MHO312TCG-R** is a specific surface-mount electronic component, typically categorized as a **Resettable PTC (Positive Temperature Coefficient) Fuse**, often referred to as a PolySwitch or Polyfuse. These devices are used for overcurrent protection in electronic circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The part number usually corresponds to a 1206 surface-mount package (the "312" often relates to the size and current rating in specific manufacturer series). | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Resettable Fuse (PTC) | Thermal Thermistor | | **Package Size** | SMD 1206 | 3.2mm x 1.6mm | | **Hold Current ($I_{hold}$)** | Continuous operating current | 0.12A - 1.10A (Variable by sub-series) | | **Max Voltage ($V_{max}$)** | Maximum rated voltage | 6V - 30V | | **Trip Current ($I_{trip}$)** | Current at which it disconnects | $2 \times I_{hold}$ (Approx) | | **Material** | Polymer | Carbon-filled polymer | ### 2. Operational Mechanism The MHO312TCG-R operates based on thermal expansion: 1. **Normal State:** Under normal current levels, the conductive particles within the polymer form a low-resistance path, allowing electricity to flow. 2. **Tripped State:** When an overcurrent or short circuit occurs, the temperature of the fuse rises. The polymer expands, breaking the conductive chains. The resistance increases dramatically (to kilo-ohms), effectively cutting off the current. 3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer contracts, and the conductive paths are restored. ### 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer (like Polytronics or Littelfuse), the suffix letters often indicate: * **TC:** Temperature Compensation or specific Tolerance Class. * **G:** Green (Lead-free / RoHS compliant). * **R:** Tape and Reel packaging. ### 4. Common Applications These components are found in low-voltage DC circuits where a permanent fuse blow would be inconvenient for the end-user: * **USB Ports:** Protection against shorted peripherals. * **Battery Packs:** Protecting cells from discharge spikes. * **Motherboards:** Protecting I/O ports (HDMI, Ethernet). * **Automotive Electronics:** Protection for small sensors and modules. --- ### 5. Implementation Example In a standard circuit, the PTC is placed in series with the load. ```c [Power Source (+)] ---- [ MHO312TCG-R ] ---- [ Load ] ---- [ GND ] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact Hold Current rating for the MHO312TCG-R?
    • ⤷ How does ambient temperature affect the trip time of this PTC fuse?
    • ⤷ What are the primary differences between a PTC resettable fuse and a standard one-time fuse?