전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO314FAG-R

  • AI
    The **MHO314FAG-R** is a specific part number belonging to a series of high-precision, oven-controlled or temperature-compensated crystal oscillators (typically manufactured by companies like MtronPTI). These components are critical for frequency control in telecommunications and aerospace applications. --- ### 1. Component Overview The MHO series generally refers to **Metal Hybrid Oscillators**. These are active components that generate a precise electrical signal (sine wave or square wave) at a specific frequency to serve as a "heartbeat" for electronic systems. ### 2. Technical Specifications While specific datasheets can vary by production year, the nomenclature generally breaks down as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Package Type** | 14-pin DIP (Dual In-line Package) - Metal Can | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage** | Usually 3.3V or 5.0V DC | | **Frequency Stability** | High stability (often ±25ppm to ±100ppm) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | The suffix **-R** indicates RoHS Compliance (Lead-free) | --- ### 3. Key Internal Parts An oscillator like the MHO314FAG-R is an integrated assembly consisting of several sub-components: 1. **Quartz Crystal Blank:** The physical sliver of quartz that vibrates at a specific frequency when voltage is applied (Piezoelectric effect). 2. **Oscillator IC:** A silicon chip that maintains the oscillation and buffers the output signal. 3. **Compensation Network:** Resistors and capacitors used to stabilize the frequency against temperature fluctuations. 4. **Metal Housing:** A hermetically sealed Kovar or steel can that protects the quartz from moisture and reduces Electromagnetic Interference (EMI). --- ### 4. Application Areas Because of its "FAG" and "R" designation (often implying specific military or high-reliability testing), it is commonly found in: * **Networking Gear:** Routers and switches requiring precise timing. * **Industrial Controllers:** PLC systems that operate in electrically noisy environments. * **Radio Communication:** Frequency synthesis in VHF/UHF radios. * **Legacy Systems:** Often used as a high-reliability replacement in older aerospace avionics. --- ### 5. Pin Configuration (Standard 14-pin DIP) Even though it has 14 pins, usually only 4 are electrically active: * **Pin 1:** N/C (No Connection) or Tri-state Control. * **Pin 7:** Case Ground. * **Pin 8:** Output Signal. * **Pin 14:** Supply Voltage (Vcc).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MHO314FAG-R variant?
    • ⤷ How does a TCXO differ from the standard MHO series oscillator?
    • ⤷ What are the common failure modes for hermetically sealed metal oscillators?