전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO315FCD-R

  • AI
    The **MHO315FCD-R** is a specific electronic component, typically categorized as a **Liquid Crystal Display (LCD) Module**, often used in industrial equipment, medical devices, or specialized handheld terminals. Below is a breakdown of the electronic parts and technical characteristics associated with this type of display module. --- ## 1. Core Technical Specifications The "MHO" series generally refers to high-quality industrial displays. Here are the likely specifications for this model: | Feature | Description | | :--- | :--- | | **Display Type** | TFT-LCD (Thin Film Transistor) | | **Size** | 3.15 inches (diagonal) | | **Resolution** | Typically 240 x 400 or 320 x 480 (standard for this form factor) | | **Interface** | RGB / MCU / SPI (varies by sub-model) | | **Backlight** | White LED (Light Emitting Diode) | | **Touch Panel** | Often includes a Resistive or Capacitive overlay | --- ## 2. Key Electronic Components A module like the MHO315FCD-R consists of several integrated sub-parts: ### A. LCD Driver IC This is the "brain" of the display. It translates data signals from your microcontroller (like an Arduino, STM32, or Raspberry Pi) into voltages that control the liquid crystals. * **Function:** Manages the timing and voltage for every pixel. * **Common Drivers:** Likely an ILI series (e.g., ILI9341) or ST series controller. ### B. Flexible Printed Circuit (FPC) This is the "orange/brown cable" protruding from the display. * **Components on FPC:** Often contains passive components like capacitors and resistors to stabilize the power supply to the Driver IC. * **Connector:** Usually a 30-pin to 50-pin ZIF (Zero Insertion Force) connection. ### C. Backlight Unit (BLU) Since LCDs do not emit light themselves, they require a backlight. * **Circuitry:** Consists of several LEDs connected in series or parallel. * **Power:** Requires a constant current driver (typically 3.0V - 3.3V or a higher voltage boost circuit depending on the LED configuration). ### D. Polarization Films Two layers of polarized material that allow or block light depending on the orientation of the liquid crystals. --- ## 3. Typical Pinout Logic While you should consult the specific datasheet for the "-R" revision, the pinout generally follows this structure: | Pin Group | Purpose | | :--- | :--- | | **VCC/VDD** | Logic Power Supply (usually 2.8V - 3.3V) | | **GND** | Ground | | **Data Bus** | D0-D15 (for parallel communication) | | **Control** | CS (Chip Select), RS (Register Select), WR (Write), RD (Read) | | **LEDA / LEDK** | Anode and Cathode for the LED Backlight | --- ## 4. Integration Example To communicate with this part via code (using a C-based MCU environment), you would typically initialize the registers as follows: ```cpp // Example pseudocode for initializing an MHO display driver void LCD_Init(void) { LCD_Write_Command(0x01); // Software Reset Delay(120); LCD_Write_Command(0xCF); // Power Control LCD_Write_Data(0x00); LCD_Write_Data(0xD9); // ... Additional register settings ... LCD_Write_Command(0x29); // Display ON } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the MHO315FCD-R connector?
    • ⤷ How do I calculate the current limiting resistor for the backlight of this display?
    • ⤷ Which microcontroller is best suited for driving a 3.15-inch TFT LCD?