MHO324FCD-R
AI

The **MHO324FCD-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is widely used in telecommunications and data processing equipment to provide a stable frequency reference.
---
### ## Technical Specifications
Below are the primary technical parameters associated with this specific part number:
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO) |
| **Frequency Range** | Typically fixed (often in the MHz range) |
| **Package Type** | DIL-14 or SMD equivalent (Metal Can) |
| **Input Voltage** | +3.3V or +5.0V DC |
| **Output Logic** | CMOS / TTL |
| **Frequency Stability** | ±25ppm to ±100ppm |
| **Operating Temp** | -10°C to +70°C (Standard) |
---
### ## Key Electronic Features
1. **Oscillator Circuitry:**
Unlike a simple passive crystal, the MHO series includes internal active circuitry. It integrates a quartz crystal blank and an oscillation circuit (IC) inside a hermetically sealed metal package.
2. **Output Waveform:**
It provides a square wave output, making it compatible with direct clock inputs for Microcontrollers (MCUs), FPGAs, and Digital Signal Processors (DSPs).
3. **Low Phase Jitter:**
The "FCD" designation often refers to specific tuning or stability characteristics that ensure low timing noise, which is critical for high-speed data transmission.
4. **Pin Configuration:**
Most oscillators in this series follow the standard 4-pin layout:
* **Pin 1:** NC (No Connection) or Standby/Enable.
* **Pin 2:** Ground (GND).
* **Pin 3:** Output.
* **Pin 4:** Supply Voltage (Vcc).
---
### ## Common Applications
* **Networking Gear:** Used in routers and switches to sync data packets.
* **Computing:** Serving as the system clock for motherboards or peripheral controllers.
* **Industrial:** Timing for automation controllers where environmental stability is required.
---
### ## Part Number Breakdown (Prefix Interpretation)
* **MHO:** Series identifier (Metal Hermetic Oscillator).
* **3:** Generally indicates the voltage (e.g., 3.3V).
* **24:** Often represents the frequency or a specific package size code.
* **FCD:** Tolerance and stability rating code.
* **-R:** RoHS Compliant (Lead-free).
- ⤷
What is the exact frequency of your MHO324FCD-R unit?
- ⤷ Do you need the pinout diagram for a specific PCB footprint?
- ⤷ Are you looking for a modern drop-in replacement for this part?