전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO326TAD-R

  • AI
    The **MHO326TAD-R** is a specialized electronic component, typically categorized as a **Temperature Compensated Crystal Oscillator (TCXO)** or a high-precision oscillator module. These parts are designed to provide a stable clock signal for electronic circuits across varying temperatures. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like MMD or Mercury Electronic), the part number breakdown generally follows this logic: | Feature | Description | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Style** | 14-pin DIP (Dual In-line Package) or 4-pin Metal Can | | **Output Type** | CMOS / TTL Compatible | | **Frequency Stability** | High precision (typically $\pm$1.0ppm to $\pm$5.0ppm) | | **Supply Voltage** | Usually 3.3V or 5.0V DC | --- ### 2. Internal Electronic Structure The MHO326TAD-R consists of several integrated sub-circuits: 1. **Crystal Resonator:** The heart of the part, usually a high-grade quartz crystal. 2. **Compensation Network:** An internal thermistor and varactor diode circuit that adjusts the frequency based on ambient temperature to prevent "drift." 3. **Oscillator Circuit:** The active circuitry that drives the crystal to vibrate at its resonant frequency. 4. **Buffer/Output Stage:** Ensures the output signal is strong enough to drive other logic gates without distorting the waveform. --- ### 3. Pin Configuration (Typical 4-Pin Layout) If the part follows the standard industrial footprint, the pins are defined as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | V_cont or N/C | Voltage Control (for tuning) or No Connection | | **7** | GND | Circuit Ground | | **8** | Output | The generated clock signal (Square wave) | | **14** | Vcc | Positive Supply Voltage | --- ### 4. Key Applications Because of its high stability compared to standard crystals, this part is used in: * **Telecommunications:** Synchronizing data packets in networking hardware. * **GPS Receivers:** Where precise timing is required to calculate location. * **Test & Measurement:** Used as a reference clock for counters and synthesizers. * **Radio Transceivers:** To maintain frequency accuracy during transmission. --- ### 5. Part Number Suffix Logic * **TAD:** Often refers to specific Temperature Range and Accuracy classes (e.g., -40°C to +85°C). * **-R:** Generally indicates **RoHS Compliance** (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the MHO326TAD-R version you are looking for?
    • ⤷ How does a TCXO differ from a standard XO (Crystal Oscillator)?
    • ⤷ What are the soldering requirements for the MHO326 series?