전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO364TCD-R

  • AI
    The **MHO364TCD-R** belongs to a specialized category of electronic components, typically identifying as a **Thick Film High-Voltage Chip Resistor** or a specific **High-Precision Resistor** series. These components are designed to handle higher voltage stresses than standard surface-mount resistors while maintaining stability. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Key Technical Specifications While specific manufacturers (such as Ohmite or specialized precision labs) may have slight variations, components with this nomenclature generally follow these specifications: | Feature | Typical Value / Description | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor | | **Resistance Range** | Often in the Megohm (MΩ) or Gigohm (GΩ) range | | **Voltage Rating** | High Voltage (often 500V to 3000V+ depending on size) | | **Tolerance** | Usually ±1% or ±5% (indicated by the 'F' or 'J' in full part numbers) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | Likely based on the 3640 or similar high-creepage footprint | --- ### 2. Internal Composition The "Electronic Parts" within this component are not discrete sub-assemblies but rather integrated material layers: 1. **Substrate:** A high-purity Alumina ($Al_2O_3$) ceramic base that provides insulation and mechanical strength. 2. **Resistive Element:** A "Thick Film" paste consisting of ruthenium oxide mixed with glass frit, screen-printed onto the ceramic. 3. **Encapsulation:** A glass or epoxy overcoat that protects the resistive element from humidity, oxidation, and high-voltage arcing. 4. **Terminations:** Multi-layer end caps (usually Silver/Nickel/Tin) to ensure solderability and prevent "silver leaching." --- ### 3. Functional Applications The MHO series is specifically engineered for environments where standard resistors would fail due to dielectric breakdown. * **Voltage Dividers:** Used in power supplies to scale down high voltages for measurement. * **Surge Protection:** Acting as a current limiter in circuits exposed to transient spikes. * **Medical Equipment:** High-impedance circuits in X-ray or MRI machinery. * **Inverters/Converters:** Feedback loops in industrial motor drives. --- ### 4. Part Number Breakdown (General Pattern) In the electronic component industry, the suffix and prefix often denote specific traits: * **MHO:** Often refers to "Metal High-voltage Oxide" or a specific manufacturer series. * **364:** Usually refers to the physical dimensions (Case size). * **TCD:** Refers to the **Temperature Coefficient of Resistance (TCR)**, indicating how much the resistance changes as the part heats up. * **-R:** Generally signifies **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the MHO364 series?
    • ⤷ How does the TCR (Temperature Coefficient) affect circuit stability in high-voltage applications?
    • ⤷ What are the recommended soldering profiles for Thick Film chip resistors?