전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO371TCD-R

  • AI
    The **MHO371TCD-R** is an electronic component primarily classified as a **TCXO (Temperature Compensated Crystal Oscillator)**. It is designed to provide a highly stable clock signal for electronic circuits, particularly in environments where temperature fluctuations would otherwise cause frequency drift. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the MHO3 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Type** | DIP-14 (Full size) or DIP-8 (Half size) | | **Output Waveform** | HCMOS / TTL | | **Supply Voltage ($V_{cc}$)** | +3.3V or +5.0V DC | | **Frequency Stability** | ±1.5ppm to ±5.0ppm (depending on grade) | | **Operating Temp Range** | -30°C to +75°C (Standard) | | **Current Consumption** | 20mA - 30mA | --- ### 2. Core Electronic Functions The MHO371TCD-R integrates several sub-circuits within its metal casing to ensure precision: 1. **Quartz Crystal Resonator:** The heart of the part, providing the base vibration frequency. 2. **Temperature Sensor:** An internal thermistor that monitors the ambient temperature of the package. 3. **Compensation Network:** An analog or digital circuit that adjusts the load capacitance of the crystal to counteract frequency shifts caused by temperature changes. 4. **Buffer/Output Stage:** Ensures the signal is strong enough to drive other logic gates (HCMOS/TTL compatible) without distorting the frequency. --- ### 3. Pinout Configuration Usually, these oscillators follow a standard 4-pin or 14-pin layout (with many pins omitted). The essential connections are: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Vcon / NC** | Voltage Control (if VCTCXO) or No Connection | | **7** | **GND** | Circuit Ground | | **8** | **Output** | The stabilized clock signal | | **14** | **Vcc** | Positive Power Supply | --- ### 4. Applications Because of its high stability compared to standard crystals, the MHO371TCD-R is used in: * **Telecommunications:** Base stations and frequency synthesizers. * **GPS Receivers:** Where precise timing is required to calculate location. * **Test & Measurement:** Oscilloscopes and frequency counters. * **Networking:** High-speed routers and switches. --- ### 5. Part Number Breakdown (Suffix Meanings) * **MHO:** Series designation (Metal Half/Full size Oscillator). * **371:** Specific internal design/frequency code. * **TCD:** Indicates Temperature Compensation and specific output type (TTL/CMOS). * **-R:** Generally signifies **RoHS Compliance** (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the 371 variant of this series?
    • ⤷ How does a TCXO differ from a standard XO in terms of circuit design?
    • ⤷ Can this component be used in automotive applications requiring -40°C to +125°C?