전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO378TAD-R

  • AI
    The **MHO378TAD-R** is a specific surface-mount electronic component, typically categorized as a **thick-film chip resistor array** or a specialized **network resistor**. These components are designed to integrate multiple resistors into a single package to save space on a Printed Circuit Board (PCB). --- ### 1. Technical Specifications The part number follows a standard coding convention for resistor networks. Below is a breakdown of the likely specifications: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor Array | | **Configuration** | 8-Resistor / 10-Pin (Typical for "378" series) | | **Tolerance** | ±1% or ±5% (Variable by suffix) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Termination Style** | Concave or Convex terminals | | **Standard Resistance** | Defined by numerical code (e.g., 10k, 1k Ohm) | --- ### 2. Functional Characteristics The "MHO" series generally refers to high-density resistor networks. Key features include: * **Space Efficiency:** By housing 8 resistors in one package, it reduces the pick-and-place time during manufacturing and saves roughly 50-70% of PCB real estate compared to discrete 0603 or 0402 resistors. * **Thermal Matching:** Because all resistors are printed on the same ceramic substrate, they exhibit very similar temperature coefficients, ensuring stable performance across the array. * **Termination:** Usually features a "TAD" (T-type or specific pinout) arrangement, often with a "wrap-around" termination for reliable soldering. --- ### 3. Pinout and Circuit Layout Most arrays in this category are **Isolated Networks**, meaning each resistor in the package is independent of the others. ```text Pin 1 --[ R1 ]-- Pin 10 Pin 2 --[ R2 ]-- Pin 9 Pin 3 --[ R3 ]-- Pin 8 Pin 4 --[ R4 ]-- Pin 7 Pin 5 --[ R5 ]-- Pin 6 ``` *(Note: Pin counts may vary; 8-pin/4-resistor or 10-pin/8-resistor configurations are most common for the 378 series.)* --- ### 4. Common Applications * **Pull-up/Pull-down Resistors:** Used extensively for digital logic lines, address buses, and data buses in microcontrollers. * **DDR Memory Terminations:** Providing impedance matching for high-speed data signals. * **LCD Drivers:** Managing current for segments or backlight arrays. * **LED Current Limiting:** Driving multiple LEDs with a single component.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 'TAD-R' suffix version?
    • ⤷ Can this component be replaced by discrete resistors in a prototype?
    • ⤷ What are the power rating limitations for this specific chip array?