전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHR63FFJ-R

  • AI
    The **MHR63FFJ-R** is a specific electronic component, typically categorized as a **High-Voltage Rectifier Diode**, often used in specialized power supply applications such as microwave ovens or high-voltage industrial equipment. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MHR63FFJ-R is designed to handle high reverse voltages while maintaining a compact form factor. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 6,000V (6kV) | | **Average Forward Current ($I_F$)** | 350mA - 500mA | | **Forward Voltage Drop ($V_F$)** | Approx. 6.0V to 8.0V | | **Operating Temperature** | -40°C to +130°C | | **Package Type** | Axial Lead (Resin Molded) | --- ### 2. Key Internal Features * **Multi-Junction Stack:** To achieve the 6kV rating, the device consists of multiple silicon diode junctions stacked in series within a single molded package. * **Fast Recovery:** Many variants in the MHR series are designed with fast switching characteristics to minimize power loss during high-frequency operation. * **High Reliability:** The casing is usually made of flame-retardant epoxy resin, providing excellent insulation and moisture resistance. --- ### 3. Circuit Application In most electronic designs, the MHR63FFJ-R serves the following roles: * **Half-Wave Rectification:** Converting high-voltage AC into DC. * **Voltage Doubler Circuits:** Often paired with a high-voltage capacitor to double the output voltage for magnetrons or X-ray tubes. * **Protection:** Acting as a flyback or clamping diode to protect sensitive components from high-voltage spikes. --- ### 4. Safety and Handling Because this part operates at **6,000 Volts**, specific precautions must be taken: 1. **Creepage and Clearance:** Ensure sufficient physical distance between the diode leads and other conductive paths on the PCB to prevent arcing. 2. **Polarity:** The cathode is typically marked with a color band. Reversing the polarity in a high-voltage circuit can lead to immediate component failure or explosion. 3. **Discharge:** Always ensure high-voltage capacitors in the circuit are fully discharged before touching the diode.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MHR63FFJ-R?
    • ⤷ How do I test a 6kV diode using a standard multimeter?
    • ⤷ What is the typical forward voltage drop for this specific series?