전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MIL-R-83

  • AI
    ## MIL-R-83: Reliability-Established Variable Resistors The **MIL-R-83** specification refers to a set of United States military standards for **variable resistors (potentiometers)** that are "reliability established." These components are designed for high-performance applications where failure is not an option, such as aerospace, defense, and medical instrumentation. --- ### 1. Key Characteristics Components qualified under MIL-R-83 are distinguished by their rigorous testing and specific construction materials. | Feature | Description | | :--- | :--- | | **Type** | Wirewound or Non-wirewound (Cermet) variable resistors. | | **Reliability Levels** | Graded by failure rate levels (M, P, R, S) based on 1,000 hours of operation. | | **Environmental Resistance** | Designed to withstand extreme vibration, shock, and thermal cycling. | | **Sealing** | Usually immersion-proof or hermetically sealed to prevent moisture ingress. | --- ### 2. Common Sub-Specifications The MIL-R-83 family is often divided into specific detail sheets. The most common is **MIL-R-83502**, which focuses on trimmer potentiometers. #### MIL-R-83502 (Trimmers) These are used for "set and forget" circuit adjustments. * **Adjustment Types:** Multi-turn (for precision) or single-turn. * **Mounting:** Through-hole (PC pin) or surface mount. * **Materials:** Typically use a **Cermet** (Ceramic-Metal) element for stability across wide temperature ranges (-65°C to +150°C). --- ### 3. Part Numbering Breakdown (Example) A typical military part number (PIN) follows a specific structure: `M83502/01-1234` | Component | Meaning | | :--- | :--- | | **M** | Military prefix. | | **83502** | The specific MIL specification number. | | **/01** | Detail specification sheet (defines physical shape/size). | | **1234** | Dash number (defines resistance value, tolerance, and reliability level). | --- ### 4. Comparison: MIL-SPEC vs. Commercial While commercial potentiometers focus on cost, MIL-R-83 parts prioritize longevity and stability. ```markdown # Comparison Table | Criteria | Commercial Grade | MIL-R-83 Grade | | :--- | :--- | :--- | | Temperature Range | 0°C to 70°C | -65°C to +150°C | | Failure Rate | Not strictly tracked | Statistically verified | | Housing | Plastic/Nylon | Diallyl Phthalate or Metal | | Lead Finish | Standard Tin/Lead | Gold-plated or Solder-dipped | ``` --- ### 5. Procurement and Applications Because these parts are strictly regulated, they must be sourced from a **Qualified Products List (QPL)** manufacturer. * **Applications:** Satellite communication, missile guidance systems, and avionics. * **Modern Status:** Many MIL-R-83 specifications have been superseded by **MIL-PRF-39015** (Wirewound) or **MIL-PRF-22097** (Non-wirewound), but the "83" series remains a benchmark for legacy and high-reliability sourcing.
    ✨ Follow-up Questions
    • ⤷What is the difference between MIL-R-83 and MIL-PRF-39015?
    • ⤷ Which manufacturers are currently on the QPL for these resistors?
    • ⤷ How do the reliability levels (M
    • ⤷ P
    • ⤷ R
    • ⤷ S) translate to actual failure percentages?