전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MJ3001..

  • AI
    ## MJ3001 Transistor Overview The **MJ3001** is a silicon NPN Power **Darlington Transistor**. It is specifically designed for high-gain applications, such as power switching and linear amplifier stages. Because it is a Darlington pair, it contains two transistors integrated into one package to provide a significantly higher current gain than a standard single transistor. --- ### 1. Technical Specifications Below are the key electrical characteristics of the MJ3001: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 80 | Volts | | **Collector-Base Voltage** | $V_{CBO}$ | 80 | Volts | | **Emitter-Base Voltage** | $V_{EBO}$ | 5.0 | Volts | | **Collector Current (Continuous)** | $I_C$ | 10 | Amperes | | **Total Power Dissipation ($T_C = 25^\circ C$)** | $P_D$ | 150 | Watts | | **DC Current Gain ($I_C = 5A$)** | $h_{FE}$ | 1000 (Min) | - | | **Operating Junction Temp** | $T_j$ | -65 to +200 | $^\circ C$ | --- ### 2. Physical Construction (The "TO-3" Case) The MJ3001 is housed in a **TO-3** metal can package. This design is chosen for its superior heat dissipation capabilities. * **Case:** The metal body serves as the **Collector**. * **Pins:** There are two pins protruding from the bottom: one for the **Base** and one for the **Emitter**. * **Mounting:** It must be mounted on a heatsink, usually with a mica insulator and thermal paste, to prevent the Collector from shorting to the chassis while ensuring heat transfer. --- ### 3. Key Electronic Features #### Darlington Configuration Inside the MJ3001, the emitter of the first transistor is connected to the base of the second. This results in: * **High Gain ($h_{FE}$):** Usually between 1,000 and 6,000. This allows a very small base current (milliamps) to control a large collector current (up to 10A). * **Higher $V_{BE}$:** The base-emitter saturation voltage is higher (approx. 2V) compared to a standard transistor (0.7V) because it involves two junctions. #### Internal Protection Most MJ3001 units include an **internal base-emitter shunt resistor** to help with turn-off speed and stability at high temperatures. --- ### 4. Common Applications * **Power Switching:** Used in solenoid drivers, motor controls, and relay drivers where a logic-level signal (like from a microcontroller) needs to drive a heavy load. * **Audio Amplifiers:** Used in the output stages of high-power audio equipment. * **Voltage Regulators:** Employed in linear power supplies to handle high current pass-through.
    ✨ Follow-up Questions
    • ⤷ How do I identify the Base and Emitter pins on a TO-3 package?
    • ⤷ What is the complementary PNP transistor for the MJ3001?
    • ⤷ What are the advantages of using a Darlington transistor over a single BJT?