전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MJE11O2

  • AI
    The **MJE1102** is a specific type of power transistor known as a **Silicon PNP Darlington Complementary Power Transistor**. It is designed for use in general-purpose amplifier and low-speed switching applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The MJE1102 is built using a Darlington configuration, which means it consists of two transistors internally connected to provide a very high current gain. | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 80 | Volts | | **Collector-Base Voltage** | $V_{CBO}$ | 80 | Volts | | **Emitter-Base Voltage** | $V_{EBO}$ | 5.0 | Volts | | **Collector Current (Continuous)** | $I_C$ | 4.0 | Amperes | | **Collector Current (Peak)** | $I_{CM}$ | 8.0 | Amperes | | **Total Power Dissipation ($T_C = 25^\circ C$)** | $P_D$ | 40 | Watts | | **DC Current Gain** | $h_{FE}$ | 500 - 15,000 | - | --- ### 2. Internal Configuration: Darlington Pair Because it is a **Darlington transistor**, the MJE1102 features: * **High Current Gain ($h_{FE}$):** It can drive large loads (up to 4A) using a very small input current from a microcontroller or low-power sensor. * **Integrated Base-Emitter Resistors:** These are built into the silicon to help with turn-off time and thermal stability. * **Protective Diode:** Most versions include a built-in collector-emitter anti-parallel diode to protect against inductive kickback. --- ### 3. Physical Packaging The MJE1102 typically comes in a **TO-225AA (formerly TO-126)** plastic package. * **Form Factor:** Small, flat rectangular package. * **Mounting:** It features a center hole for easy attachment to a heat sink, which is necessary when dissipating power near its 40W limit. * **Pinout:** Usually (1) Emitter, (2) Collector, (3) Base (looking at the branded face). --- ### 4. Complementary Pair In audio amplifier designs (Push-Pull stages), transistors are often used in pairs. * **MJE1102:** PNP Type * **MJE1103:** NPN Type (Complementary partner) --- ### 5. Common Applications * **Audio Power Amplifiers:** Used in the output stage for driving speakers. * **Relay Drivers:** Turning on high-power relays from low-power logic gates. * **Motor Control:** Driving small DC motors. * **Solenoid Drivers:** Used in industrial automation for triggering mechanical actuators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MJE1102 and the MJE1103?
    • ⤷ How do I calculate the heat sink size required for a 40W dissipation?
    • ⤷ Can I use an MJE1102 directly with an Arduino or Raspberry Pi GPIO?