전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MJS250-R

  • AI
    The **MJS250-R** is a specific model of a **Miniature Surface Mount (SMT) Jack**, typically used in telecommunications, networking, and high-speed data applications. It is part of a family of modular connectors designed for compact electronic assemblies. --- ### 1. Technical Specifications The "R" suffix usually denotes that the part is supplied in **Tape and Reel** packaging, which is critical for automated SMT (Surface Mount Technology) assembly lines. | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ-style Modular Jack (often 4P4C or 6P4C) | | **Mounting Type** | Surface Mount (SMT) / Right Angle | | **Contact Material** | Phosphor Bronze | | **Plating** | Gold plating over Nickel (usually 3μ" to 50μ") | | **Housing Material** | High-Temperature Thermoplastic (UL94V-0 rated) | | **Voltage Rating** | 125V AC / DC | | **Current Rating** | 1.5 Amps | --- ### 2. Key Electronic Components & Features The MJS250-R is more than just a plastic housing; it consists of several precision-engineered electronic elements: #### A. Contact Pins (Lead Frame) * **Material:** Usually made of phosphor bronze for excellent conductivity and flexibility. * **Function:** These pins establish the electrical connection between the male plug (cable) and the PCB (Printed Circuit Board). * **Geometry:** Designed with a specific "spring" tension to maintain consistent contact pressure over thousands of mating cycles. #### B. Solder Pads (Gull-wing or J-lead) * Since it is an SMT component, it features flat metal leads that sit on top of the PCB solder paste. * **Solderability:** The leads are often tin-plated to ensure a strong metallurgical bond during the reflow soldering process. #### C. Shielding (Optional) * Depending on the specific sub-variant, these jacks may include a **metal shield** (usually brass or stainless steel) to provide EMI/RFI protection, grounding the signal against external interference. --- ### 3. Application Use Cases The MJS250-R is commonly integrated into the following electronic devices: 1. **Modems and Routers:** For compact telephone or DSL line inputs. 2. **Handset Coils:** Used in the base of telecommunication handsets. 3. **IoT Devices:** Where board space is at a premium and a physical wired data interface is required. 4. **Medical Equipment:** For low-voltage data transmission between sensors and monitors. --- ### 4. Component Footprint Example In a PCB design environment (like Altium or KiCad), the electronic footprint for this part involves: ```c // Typical Footprint Layout Logic Pad_Spacing: 1.02mm (0.040") Total_Pins: 4 or 6 Alignment_Pegs: Dual plastic pegs for mechanical stability Solder_Paste_Layer: Top Side only ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the MJS250-R during reflow?
    • ⤷ Does the MJS250-R support Power over Ethernet (PoE) applications?
    • ⤷ What is the mechanical durability rating in terms of mating cycles?