전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ML2010-R0075-FB

  • AI
    The **ML2010-R0075-FB** is a precision **Current Sense Resistor**. It belongs to a category of passive components designed to measure current flow by creating a small voltage drop that can be monitored by a control circuit. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific electrical characteristics: | Code Segment | Meaning | Value / Specification | | :--- | :--- | :--- | | **ML** | Series | Metal Foil / Low Ohmic Series | | **2010** | Case Size | 2.0 x 1.0 inches (Imperial) / 5025 (Metric) | | **R0075** | Resistance Value | **0.0075 Ohms** (7.5 mΩ) | | **F** | Tolerance | **±1%** | | **B** | Packaging | Bulk or Specific Reel type (Manufacturer dependent) | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as RoyalOhm or Viking Tech), the standard specifications for a 2010-sized metal foil resistor are: * **Resistance:** 7.5 Milliohms ($0.0075 \Omega$). * **Power Rating:** Typically **0.5W to 1W** (depending on PCB heat dissipation). * **Temperature Coefficient (TCR):** Usually low ($\pm 50\text{ppm}/^\circ\text{C}$ to $\pm 100\text{ppm}/^\circ\text{C}$) to ensure accuracy during heating. * **Technology:** Metal Foil / Thick Film on Ceramic. This construction provides better stability and lower inductance than wire-wound alternatives. --- ### 3. Application and Usage This component is primarily used in **Current Sensing** or **Shunt** applications. Because the resistance is extremely low, it minimizes power loss while allowing the system to calculate current using Ohm’s Law ($V = I \times R$). #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **DC-DC Converters:** Providing feedback for over-current protection. 3. **Motor Control:** Detecting the load on a motor to prevent stalling or burnout. 4. **Power Supplies:** Regulating output current levels. --- ### 4. Implementation Example In a typical circuit, you would place this resistor in series with the load. ```c // Example Logic for a Microcontroller sensing current via this resistor: float resistance = 0.0075; // 7.5 mOhms float voltageDrop = readADC(); // Voltage measured across the resistor float current = voltageDrop / resistance; ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does the 2010 case size compare to 1206 or 2512 in terms of heat dissipation?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this specific resistor?