전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ML2010V-R0075-FT

  • AI
    ## ML2010V-R0075-FT: Electronic Part Overview The **ML2010V-R0075-FT** is a specialized surface-mount (SMD) electronic component, specifically a **Current Sensing Resistor** (also known as a Shunt Resistor). It is designed to measure current flow by creating a small voltage drop across its terminals. --- ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Current Sense Resistor | Low resistance for current measurement | | **Package Size** | 2010 (Metric: 5025) | Dimensions: 5.0mm x 2.5mm | | **Resistance Value** | 0.0075 $\Omega$ (7.5 m$\Omega$) | Very low resistance to minimize power loss | | **Tolerance** | ±1% (F) | Indicates the precision of the resistance | | **Temperature Coefficient** | Low TCR | Ensures stability across temperature changes | | **Termination Type** | T (Tinned / Standard) | Suitable for standard lead-free soldering | --- ### 2. Part Number Breakdown The part number follows a standard nomenclature used by manufacturers (typically associated with brands like **RoyalOhm** or **Viking Tech**): * **ML**: Series designation (Metal Low Ohmic). * **2010**: The physical footprint/size (0.20 x 0.10 inches). * **V**: Voltage or Power rating code (Specific to manufacturer datasheets, often indicating high power handling). * **R0075**: The resistance value. "R" acts as the decimal point ($0.0075 \Omega$). * **F**: Tolerance code ($F = \pm 1\%$). * **T**: Packaging type (usually Tape & Reel). --- ### 3. Key Functions and Applications #### Why use a 7.5 m$\Omega$ resistor? In power electronics, you cannot measure high current directly with a microcontroller. You place this resistor in series with the load. By measuring the voltage ($V$) across this resistor, you can calculate the current ($I$) using Ohm’s Law: $I = V / R$. #### Common Applications: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in lithium batteries. * **DC-DC Converters:** Providing feedback for current-mode control loops. * **Motor Controllers:** Detecting over-current conditions to protect the motor. * **Power Supplies:** Regulating output current in laptops or industrial equipment. --- ### 4. Design Considerations 1. **Power Dissipation:** Because it handles current, it generates heat ($P = I^2 \times R$). Ensure the 2010 package's wattage rating (typically 0.5W to 1W for this size) is not exceeded. 2. **Kelvin Connection:** For high accuracy at 7.5 m$\Omega$, engineers often use a **4-terminal (Kelvin) sensing** layout on the PCB to avoid measuring the resistance of the solder joints themselves. 3. **Heat Sinking:** Ensure adequate copper pour on the PCB pads to act as a heat sink, as low-ohmic resistors can reach high temperatures under load.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this specific 7.5 mOhm resistor?
    • ⤷ How does a 4-terminal Kelvin connection improve the accuracy of this component?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the ML2010 series?