전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MLF2012DR10KTD25

  • AI
    ## Technical Overview of MLF2012DR10KTD25 The **MLF2012DR10KTD25** is a high-performance multilayer chip inductor manufactured by **TDK Corporation**. It belongs to the MLF series, which is designed using a proprietary ferrite material and multilayer technology to achieve high reliability and excellent magnetic shielding. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.1 µH (100 nH) | | **Tolerance** | ±10% (K) | | **DC Resistance (Max)** | 0.15 Ω | | **Rated Current (Max)** | 300 mA | | **Self-Resonant Frequency (Min)** | 450 MHz | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **Operating Temperature** | -55°C to +125°C | | **Quality Factor (Q) Min** | 15 (at 25 MHz) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific attributes: * **MLF**: Multilayer Ferrite Inductor series. * **2012**: Dimensions (2.0mm length x 1.25mm width). * **D**: Characteristic type (Standard). * **R10**: Inductance value (R10 = 0.10 µH). * **K**: Tolerance (±10%). * **T**: Packaging (Taping / Reel). * **D25**: Internal TDK control code (specific to production/design version). --- ### 3. Features and Applications #### Features - **Magnetic Shielding:** The multilayer structure creates a closed magnetic circuit, minimizing electromagnetic interference (EMI) and crosstalk with neighboring components. - **High Reliability:** No internal wires to break, as the coil is formed through printed layers of conductive paste and ferrite. - **Compact Footprint:** The 0805 (2012 metric) size is ideal for high-density circuit board layouts. #### Typical Applications 1. **Consumer Electronics:** Smart phones, tablets, and portable media players. 2. **Information Technology:** Hard disk drives (HDDs) and peripheral equipment. 3. **Signal Conditioning:** Used in high-frequency circuits for noise suppression and signal decoupling. 4. **Power Management:** Filtering in low-current DC-DC converter circuits. --- ### 4. Footprint and Soldering The component is designed for surface mount technology (SMT). ```c // Example Pad Layout Dimensions (Metric) Length: 2.0 mm (+/- 0.2) Width: 1.25 mm (+/- 0.2) Height: 0.85 mm or 1.25 mm (Depending on specific batch) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MLF and MLP series from TDK?
    • ⤷ Can this inductor be used in high-power automotive applications?
    • ⤷ What is the recommended reflow soldering profile for this component?