전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MLG-26-R/Q

  • AI
    The **MLG-26-R/Q** typically refers to a high-performance **Magnetic Level Gauge (MLG)** transmitter or switch assembly used in industrial liquid level measurement. These devices are essential for translating the physical movement of a magnetic float inside a chamber into an electrical signal for control systems. --- ### 1. Key Electronic Components The electronics in these units are designed to detect magnetic fields and convert them into standard industrial signals. | Component | Description | Function | | :--- | :--- | :--- | | **Reed Switch Array** | A vertical chain of hermetically sealed glass switches. | Actuated by the float's magnet to determine level position. | | **Resistor Network** | A series of resistors (often 1/2 inch spacing). | Creates a voltage divider circuit proportional to the height. | | **Signal Converter** | A 4-20mA or HART transmitter head. | Converts the resistance/voltage into a standard analog signal. | | **Terminal Block** | Wiring connection points. | Connects the sensor probe to the external power supply and PLC. | --- ### 2. Technical Specifications (General) Most MLG-26 series electronic transmitters adhere to the following electrical standards: * **Output Signal:** 4-20 mA DC (often loop-powered). * **Supply Voltage:** 12V to 36V DC. * **Enclosure Rating:** Usually IP65/IP67 or NEMA 4X/7 (Explosion Proof). * **Resolution:** Typically ±5mm to ±12.7mm (depending on reed spacing). --- ### 3. Wiring Diagram Concept The following is a simplified representation of how the electronic probe is typically integrated into a control loop: ```mermaid graph LR A[DC Power Supply 24V] --> B[MLG-26-R/Q Transmitter] B --> C[PLC / Controller] C --> A ``` --- ### 4. Comparison of R and Q Variants While specific to the manufacturer, the suffixes usually denote the following electronic configurations: | Suffix | Electronic Characteristic | Typical Use | | :--- | :--- | :--- | | **-R** | **Resistance/Reed** | Standard level measurement using a resistor ladder. | | **-Q** | **Quick-Connect / Quality** | Often denotes an upgraded connector type (like M12) or high-speed output. | --- ### 5. Maintenance and Troubleshooting 1. **Continuity Check:** If the signal is lost, check the resistance across the loop. A "dead spot" usually indicates a failed reed switch. 2. **Calibration:** Most units are factory calibrated, but "Zero" and "Span" can often be adjusted via potentiometers or digital buttons in the transmitter head. 3. **Moisture Ingress:** Ensure the cable entry (gland) is sealed. Moisture in the electronics is the primary cause of signal drift.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your MLG-26-R/Q unit?
    • ⤷ Do you need a wiring diagram for a 4-20mA loop connection?
    • ⤷ Are you experiencing a specific error or signal failure with the device?