전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MLS-4W1-R/E

  • AI
    The **MLS-4W1-R/E** is a specific electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Limit Switch**, often used in industrial automation for pneumatic cylinders and position sensing. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The MLS-4W1-R/E is designed to detect the presence of a magnetic field (usually from a piston inside a cylinder) and convert that into an electrical signal. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch / Solid State (depending on exact sub-series) | | **Wiring System** | 2-Wire or 3-Wire (Standard 4-Wire configurations exist for NPN/PNP options) | | **Logic** | Normally Open (NO) | | **Operating Voltage** | 5V - 240V AC/DC (Varies by specific internal circuitry) | | **Switching Current** | 100mA Max | | **Indicator** | LED (Red or Green) to show activation status | --- ### 2. Internal Electronic Components The "MLS" series typically utilizes one of two electronic detection methods: * **Reed Switch (Mechanical):** Two thin metal blades (reeds) inside a glass envelope. When a magnet approaches, the blades touch, completing the circuit. * **Hall Effect (Solid State):** Uses a semiconductor sensor to detect magnetic flux. These are more durable as they have no moving parts and offer faster switching speeds. ### 3. Wiring Configuration For the 4W1-R/E variant, the wiring usually follows standard industrial color coding: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Positive Power Supply | | **Blue** | GND (-) | Negative Power Supply/Common | | **Black** | Output (Signal) | Connects to the PLC or Relay load | | **White** | Secondary/NC | Often used for complementary output or common ground | --- ### 4. Technical Application Notes * **Protection Circuitry:** Most modern MLS sensors include an internal **Varistor** or **Zener Diode** to protect against voltage spikes (Back-EMF) when switching inductive loads like relays. * **Sensitivity:** The "R/E" suffix often denotes specific sensitivity levels or mounting styles (Horizontal vs. Vertical orientation). * **Environmental Rating:** Usually rated **IP67**, meaning the electronics are fully encapsulated in resin to protect against moisture, oil, and dust. --- ### 5. Simple Circuit Diagram (Example) ```cpp [Power Source +] ---- [Brown Wire] ---- (Sensor) ---- [Black Wire] ---- [Load/PLC Input] ---- [Power Source -] | [Blue Wire] --------------------------------------- [Power Source -] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Reed and Hall Effect versions of this sensor?
    • ⤷ How do I troubleshoot an MLS-4W1-R/E sensor that isn't triggering?
    • ⤷ What is the maximum switching frequency for this specific model?