전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MLS-BC-R

  • AI
    The **MLS-BC-R** is a specific type of **Magnetic Line Sensor** (often associated with brands like Roboteq) used primarily for Automatic Guided Vehicles (AGVs) and mobile robotics. It is designed to detect and track a magnetic tape track on the floor. --- ### 1. Key Electronic Components and Specifications The device integrates several high-precision components to translate physical magnetic fields into digital or analog data. | Component / Feature | Description | | :--- | :--- | | **Hall Effect Array** | A linear arrangement of high-sensitivity Hall sensors that detect the position of the magnetic track. | | **Microcontroller (MCU)** | An onboard processor that calculates the center of the track based on sensor inputs. | | **Communication Interface** | Typically supports **CAN bus**, **RS232**, or **USB** for data transmission. | | **Status LEDs** | Visual indicators used to show power status, track detection, and communication activity. | | **Voltage Regulator** | Internal circuitry that allows the device to operate on standard industrial voltages (usually 10V to 30V DC). | --- ### 2. Technical Capabilities The "BC-R" variant specifically focuses on high-resolution tracking and industrial reliability. * **Detection Range:** Typically detects magnetic tape at a height of 10mm to 60mm. * **Resolution:** Provides millimeter-level accuracy (often ~1mm) for the "Position of Center" calculation. * **Magnetic Polarities:** Can distinguish between North and South poles, allowing for track branching and marker detection (e.g., stop markers). * **Protection:** Usually housed in an IP64 or IP67 rated enclosure to protect the electronics from dust and moisture. --- ### 3. Connection and Pinout (Typical) Electronic integration is usually handled via a standard M12 or D-Sub connector. ```yaml Pin Configuration (General Example): - Pin 1: VCC (12-24V DC) - Pin 2: CAN High / RS232 TX - Pin 3: Ground (GND) - Pin 4: CAN Low / RS232 RX - Pin 5: Shield / Earth ``` --- ### 4. Functional Logic The electronic brain of the MLS-BC-R performs three main tasks: 1. **Filtering:** It ignores ambient electromagnetic interference (EMI) from motors. 2. **Algorithm Calculation:** It uses a "weighted average" of the Hall sensor array to find the exact center of the magnetic flux. 3. **Marker Logic:** It detects "side markers" (small pieces of tape placed to the left or right of the main track) to trigger actions like slowing down or stopping.
    ✨ Follow-up Questions
    • ⤷ How does the MLS-BC-R handle track intersections or branching?
    • ⤷ What are the specific CANopen object dictionaries used by this sensor?
    • ⤷ What is the maximum travel speed supported for accurate tracking?