전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MLS-C4W-R/Q

  • AI
    Based on the model number provided, the **MLS-C4W-R/Q** typically refers to a specialized magnetic sensor (often a magnetic guide sensor or proximity switch) used in Automated Guided Vehicles (AGVs) or industrial automation systems. Below is an explanation of the electronic components and technical characteristics associated with this series of parts. --- ### 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | 10V to 30V DC | | **Output Type** | NPN or PNP (depending on the R/Q suffix) | | **Detection Principle** | Magnetic Induction (Hall Effect / Magnetoresistive) | | **Response Time** | Typically < 1ms to 5ms | | **Connection Type** | M12 Connector (4-pin) or Pre-wired cable | | **Indicator** | LED status indicator (Power/Signal) | | **Housing Material** | ABS Plastic or Stainless Steel | --- ### 2. Electronic Component Breakdown #### A. Sensing Element The core of the MLS-C4W is a **Magnetoresistive (MR) sensor** or a **Hall Effect** IC. Unlike a simple reed switch, these electronic components detect the polarity and intensity of a magnetic field (usually from a magnetic tape on the floor) and convert it into a voltage signal. #### B. Signal Processing Circuit The internal PCB includes: * **Voltage Regulator:** Ensures the internal electronics receive a steady 5V or 3.3V even if the input fluctuates between 10V and 30V. * **Comparator/Schmitt Trigger:** Filters noise and ensures a clean "High" or "Low" digital output to prevent false triggering from electromagnetic interference (EMI). #### C. Output Stage (R/Q Logic) The "R" and "Q" designations usually refer to the output configuration: * **NPN (Sink):** The sensor connects the load to the negative terminal (0V) when activated. * **PNP (Source):** The sensor connects the load to the positive terminal (V+) when activated. * **Protection:** Most modern units include **Short-circuit protection** and **Reverse polarity protection** to prevent the electronics from burning out if wired incorrectly. --- ### 3. Wiring Diagram (Typical 4-Pin Layout) ```markdown Pin 1: Brown --> Positive (+24V DC) Pin 2: White --> Control Output 2 (Optional/Complementary) Pin 3: Blue --> Negative (0V / GND) Pin 4: Black --> Control Output 1 (Main Signal) ``` --- ### 4. Application Context These parts are primarily used for **Magnetic Navigation**. The electronic array inside the "C4W" model allows the AGV to: 1. Detect the presence of a magnetic track. 2. Provide feedback to the PLC (Programmable Logic Controller) regarding the vehicle's alignment. 3. Trigger stops or speed changes at specific magnetic markers.
    ✨ Follow-up Questions
    • ⤷ What is the specific detection range (distance) for the MLS-C4W series?
    • ⤷ How do I test the NPN/PNP output using a multimeter?
    • ⤷ Can this sensor detect both North and South magnetic poles simultaneously?