전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MLS-D4W-R

  • AI
    Based on technical specifications, the **MLS-D4W-R** typically refers to a specialized magnetic sensor or magnetic guidance sensor, often utilized in Automated Guided Vehicles (AGVs) or industrial automation. Below is a breakdown of its electronic components and characteristics. --- ### 1. Core Technical Specifications The device functions as a magnetic landscape sensor, detecting the presence and position of magnetic tape on a factory floor. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 10V - 30V DC | | **Output Type** | Digital (NPN or PNP) or Analog (0-5V/4-20mA) | | **Detection Width** | Approx. 40mm - 100mm (depending on mounting height) | | **Protection Class** | IP67 (Dust and Water Resistant) | | **Connection** | M12 Connector or Flying Lead Cable | --- ### 2. Internal Electronic Parts The sensor consists of several critical subsystems to process magnetic field data: * **Hall Effect Sensor Array:** A row of high-sensitivity Hall Effect elements that detect magnetic flux density. This allows the device to determine the "center" of the magnetic track. * **Signal Conditioning Circuit:** Operational amplifiers (Op-Amps) and filters that clean the noise from the raw Hall Effect signals. * **Microcontroller Unit (MCU):** An onboard processor that interprets the signal strength across the array to calculate the deviation from the centerline. * **Output Drivers:** Transistors (MOSFETs) used to switch digital outputs or DACs (Digital-to-Analog Converters) for continuous positioning feedback. * **Protection Circuitry:** Includes TVS diodes for surge protection and reverse polarity protection to prevent damage during installation. --- ### 3. Connection Pinout (Typical) Most sensors in this series follow a standardized industrial wiring color code: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC | Positive Power Supply (12/24V) | | **Blue** | GND | 0V / Ground | | **Black** | Signal Out | Primary Detection Signal | | **White/Grey** | Aux/Error | Fault detection or secondary signal | --- ### 4. Functional Application In an electronic system, the MLS-D4W-R acts as the "eyes" for a vehicle's steering controller: 1. **Detection:** The Hall array senses the magnetic field of the tape. 2. **Processing:** The internal MCU determines if the tape is centered, to the left, or to the right. 3. **Communication:** It sends a voltage or PWM signal to the AGV's main PLC (Programmable Logic Controller) to adjust motor speeds.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing height for the MLS-D4W-R sensor?
    • ⤷ Does this model support CAN bus communication for data output?
    • ⤷ How do you calibrate the sensor for different magnetic tape strengths?