전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MLV-0-R/Q

  • AI
    ### MLV-0-R/Q: Electronic Parts & Technical Overview The **MLV-0-R/Q** refers to a high-performance **Multilayer Varistor (MLV)**. These components are surface-mount voltage-suppression devices designed to protect sensitive electronic circuits from electrostatic discharge (ESD) and other low-energy voltage transients. --- ### 1. Key Technical Specifications The "R/Q" designation usually implies specific tolerance or packaging standards (such as AEC-Q200 qualification for automotive use). | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Material** | Ceramic Semiconductor | Zinc Oxide (ZnO) | | **Response Time** | High-speed activation | < 1 nanosecond | | **Operating Voltage** | Continuous DC voltage | Dependent on specific sizing | | **Clamping Voltage** | Max voltage during a spike | Varies by model (Low) | | **Energy Rating** | Absorption capability | Measured in Joules (J) | | **Package Size** | SMD Footprint | 0402, 0603, or 0805 | --- ### 2. Functional Components The internal structure of an MLV is more complex than a standard resistor or capacitor: 1. **Zinc Oxide Grains:** The core material acts as a semiconductor. At low voltages, the boundaries between grains act as insulators. 2. **Multilayer Electrodes:** Silver or Platinum electrodes are stacked to increase the surface area, allowing the device to handle higher peak currents despite a small physical footprint. 3. **Termination Layers:** Usually consisting of a barrier layer (Nickel) and a solderable layer (Tin) to ensure robust PCB mounting. --- ### 3. Protection Mechanism The MLV-0-R/Q operates on a non-linear V-I (Voltage-Current) characteristic: * **Normal State:** High impedance (acts like an open circuit/small capacitor). It does not interfere with the data or power signal. * **Transient Event:** When a voltage spike exceeds the "Varistor Voltage," the device impedance drops instantly. * **Clamping:** The excess energy is diverted to the ground, protecting downstream components like ICs and microprocessors. --- ### 4. Typical Applications The "Q" suffix often denotes **Automotive Grade** reliability, making it suitable for: * **CAN Bus / LIN Bus** protection in vehicles. * **USB 2.0/3.0** data line protection. * **Sensors and ECU** (Electronic Control Unit) inputs. * **Touchscreen interfaces** prone to human-generated ESD. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MLV and a TVS Diode for ESD protection?
    • ⤷ How do I calculate the correct clamping voltage for my circuit?
    • ⤷ Does the MLV-0-R/Q meet AEC-Q200 automotive standards?