전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MLZ2012DR10DTD25

  • AI
    The **MLZ2012DR10DTD25** is a high-performance multilayer ferrite inductor manufactured by **TDK Corporation**. It belongs to the MLZ series, which is specifically designed for decoupling circuits in power lines. --- ## 1. Technical Specifications The following table highlights the core electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.04 Ω (Max) | | **Rated Current (Isat/Itemp)** | 1.10 A (1100 mA) | | **Self-Resonant Frequency** | 550 MHz (Typical) | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Inch)** | 0805 | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Part Number Breakdown Understanding the nomenclature helps identify the specific attributes of the part: - **MLZ**: Multilayer inductor for power lines (Low DC resistance type). - **2012**: Dimensions (Length 2.0mm x Width 1.25mm). - **D**: Characteristic type (Standard). - **R10**: Inductance value (R10 = 0.10 µH). - **D**: Inductance tolerance (D = ±20%). - **T**: Packaging style (Taping/Reel). - **D25**: TDK internal control code/Specific designator. --- ## 3. Key Features & Applications ### Features * **Low DC Resistance:** Optimized for power line applications to minimize energy loss and heat generation. * **Magnetic Shielding:** The multilayer ferrite construction provides excellent magnetic shielding, reducing EMI (Electromagnetic Interference) and crosstalk in dense PCB layouts. * **High Current Handling:** Despite its small 0805 footprint, it can handle over 1 Amp of current. ### Applications 1. **Smartphones & Tablets:** Used in power supply decoupling for CPUs and peripheral modules. 2. **Communication Modules:** Ideal for noise suppression in Bluetooth, Wi-Fi, and LTE modules. 3. **Digital Cameras:** Power line filtering to ensure clean signals for image sensors. 4. **Personal Electronics:** General-purpose decoupling in any compact DC-DC converter circuit. --- ## 4. Equivalent Circuit Context In a typical application, this inductor is placed in series with the power line to act as a low-pass filter: ```text [Power Source] ---- [MLZ2012 Inductor] ---- [Load / IC Vcc] | [Decoupling Cap] | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the MLZ and MLM series from TDK?
    • ⤷ Can this inductor be used in high-frequency RF matching circuits?
    • ⤷ What is the saturation current behavior of this specific ferrite inductor?