MLZ2012M1R5HTD25
AI

The **MLZ2012M1R5HTD25** is a high-performance multilayer ferrite inductor manufactured by **TDK Corporation**. It belongs to the MLZ series, which is specifically designed for decoupling circuits and power lines in mobile devices and various consumer electronics.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical parameters of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.12 Ω (±30%) |
| **Rated Current (Isat/Itemp)** | 700 mA |
| **Self-Resonant Frequency** | 120 MHz |
| **Package / Case** | 0805 (2012 Metric) |
| **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 1.25mm |
| **Operating Temperature** | -55°C to +125°C |
---
## 2. Key Features and Construction
### Multilayer Ferrite Technology
Unlike wire-wound inductors, this part is constructed by layering ceramic ferrite material and internal conductive coils. This results in:
- **Magnetic Shielding:** The closed magnetic path prevents electromagnetic interference (EMI) with surrounding components.
- **Compactness:** High inductance values are achieved in a small 0805 footprint.
### Power Line Optimization
The "MLZ" series is optimized for low DC resistance compared to standard signal-line inductors. This allows it to handle higher currents (up to 700mA) without excessive heat generation, making it ideal for power supply decoupling.
### High Reliability
The "H" in the part number often signifies high reliability or automotive-grade characteristics (though checking the specific datasheet for AEC-Q200 compliance is recommended for automotive use).
---
## 3. Common Applications
The MLZ2012M1R5HTD25 is primarily used in the following scenarios:
1. **Smartphones and Tablets:** Used in power supply lines for the application processor and communication modules.
2. **DC-DC Converters:** Acts as an output filter to smooth voltage ripples.
3. **Noise Suppression:** Effective at removing high-frequency noise in digital circuits to prevent data corruption.
4. **Audio Circuits:** Used to isolate power supply noise from sensitive analog audio components.
---
- ⤷
What are the main differences between the MLZ and MLM series from TDK?
- ⤷ Can this inductor be used in automotive AEC-Q200 environments?
- ⤷ How does the DC bias characteristic affect the 1.5uH inductance value?