전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MM-B2400-R910

  • AI
    The **MM-B2400-R910** is a specialized high-performance industrial controller, typically categorized as a motion control or drive component within the Schneider Electric / MagneMotion ecosystems (specifically associated with the **MagneMover LITE** transport systems). Below is a breakdown of its electronic characteristics and functional components. --- ### 1. Core Technical Specifications The R910 variant is designed for high-speed, precision control of linear synchronous motors. | Feature | Specification | | :--- | :--- | | **Product Type** | Linear Motor Controller / Transport System Node | | **Input Voltage** | 24V - 48V DC (Typical for MagneMover Lite logic) | | **Max Current** | Dependent on motor coil configuration (High-efficiency MOSFET switching) | | **Communication Protocols** | Ethernet/IP, TCP/IP, or Proprietary Sync Protocols | | **Ingress Protection** | IP65/IP67 (Typical for industrial R-series) | --- ### 2. Key Electronic Internal Components While the internal circuitry is proprietary, these devices generally consist of four primary electronic stages: #### A. Logic & Processing Unit * **Microcontroller/FPGA:** Employs high-speed Field Programmable Gate Arrays (FPGAs) to handle the complex timing required for sub-millimeter positioning. * **Memory:** Non-volatile memory for storing configuration parameters and motion profiles. #### B. Power Electronics (The Drive Stage) * **H-Bridge Inverters:** Utilizes high-efficiency MOSFETs or IGBTs to switch power to the motor coils. * **Pulse Width Modulation (PWM):** Uses high-frequency PWM to control the magnetic flux strength and direction, enabling smooth "puck" movement. #### C. Sensing & Feedback * **Hall Effect Sensors:** Arrays of sensors that detect the magnetic field of the moving puck to calculate its position in real-time. * **Current Sensing:** Integrated shunts or Hall-effect current sensors to monitor motor health and prevent over-current conditions. #### D. Communication Interfaces * **RJ45 / M12 Connectors:** Integrated PHY (Physical Layer) chips for high-speed industrial Ethernet communication. * **Isolation:** Opto-isolators or magnetic isolators to protect the logic board from power surges in the motor lines. --- ### 3. Functional Role in Systems In an industrial layout, the electronics in the **MM-B2400-R910** perform the following tasks: 1. **Puck Detection:** Identifying exactly where a vehicle is located on the track. 2. **Hand-off Control:** Coordinating with adjacent motor segments to pass a vehicle seamlessly across joints. 3. **Thermal Management:** On-board thermistors monitor heat generated by the coils and electronics, triggering de-rating or alarms if limits are exceeded. ---
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the MM-B2400-R910?
    • ⤷ How does the R910 interface with a PLC?
    • ⤷ What is the maximum speed supported by this motor controller?